Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 399 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 399 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 395Page - Advanced Micro Devices SC3200 Datasheet HTML 396Page - Advanced Micro Devices SC3200 Datasheet HTML 397Page - Advanced Micro Devices SC3200 Datasheet HTML 398Page - Advanced Micro Devices SC3200 Datasheet HTML 399Page - Advanced Micro Devices SC3200 Datasheet HTML 400Page - Advanced Micro Devices SC3200 Datasheet HTML 401Page - Advanced Micro Devices SC3200 Datasheet HTML 402Page - Advanced Micro Devices SC3200 Datasheet HTML 403Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
399
Electrical Specifications
Revision 5.1
9.3.7
LPC Interface
Figure 9-21. LPC Output Timing Diagram
Figure 9-22. LPC Input Timing Diagram
Table 9-22. LPC and SERIRQ Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tVAL
Output Valid delay
0
17
ns
After PCICLK rising edge
tON
Float to Active delay
2
ns
After PCICLK rising edge
tOFF
Active to Float delay
28
ns
After PCICLK rising edge
tSU
Input Setup time
7
ns
Before PCICLK rising edge
tHI
Input Hold time
0
ns
After PCICLK rising edge
PCICLK
LPC Signals/
SERIRQ
tON
tVAL
tOFF
PCICLK
LPC Signals/
SERIRQ
tSU
tHI
Input
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com