Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 405 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 405 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 401Page - Advanced Micro Devices SC3200 Datasheet HTML 402Page - Advanced Micro Devices SC3200 Datasheet HTML 403Page - Advanced Micro Devices SC3200 Datasheet HTML 404Page - Advanced Micro Devices SC3200 Datasheet HTML 405Page - Advanced Micro Devices SC3200 Datasheet HTML 406Page - Advanced Micro Devices SC3200 Datasheet HTML 407Page - Advanced Micro Devices SC3200 Datasheet HTML 408Page - Advanced Micro Devices SC3200 Datasheet HTML 409Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
405
Electrical Specifications
Revision 5.1
Table 9-26. IDE Multiword DMA Data Transfer Timing Parameters
Symbol
Parameter
Mode
Unit
Comments
012
t0
Cycle time (min)
480
150
120
ns
Note 1
tD
IDE_IOR[0:1]#/IDE_IOW[0:1]# (min)
215
80
70
ns
tE
IDE_IOR[0:1]# data access (max)
150
60
50
ns
tF
IDE_IOR[0:1]# data hold (min)
5
5
5
ns
tG
IDE_IOW[0:1]#/IDE_IOW[0:1]# data setup
(min)
100
30
20
ns
tH
IDE_IOW[0:1]# data hold (min)
20
15
10
ns
tI
IDE_DACK[0:1]# to IDE_IOR[0:1]#/
IDE_IOW[0:1]# setup (min)
000
ns
tJ
IDE_IOR[0:1]#/IDE_IOW[0:1]# to
IDE_DACK[0:1]# hold (min)
20
5
5
ns
tKR
IDE_IOR[0:1]# negated pulse width (min)
50
50
25
ns
tKW
IDE_IOW[0:1]# negated pulse width (min)
215
50
25
ns
tLR
IDE_IOR[0:1]# to IDE_DREQ[0:1] delay
(max)
120
40
35
ns
tLW
IDE_IOW[0:1]# to IDE_DREQ0,1 delay
(max)
40
40
35
ns
tM
IDE_CS[0:1]# valid to IDE_IOR[0:1]#/
IDE_IOW[0:1]# (min)
50
30
25
ns
tN
IDE_CS[0:1]# hold
15
10
10
ns
tZ
IDE_DACK[0:1]# to TRI-STATE
20
25
25
ns
Note 1. t0 is the minimum total cycle time, tD is the minimum command active time, and tKR or tKW is the minimum command
recovery time or command inactive time. The actual cycle time equals the sum of the command active time and the
command inactive time. The three timing requirements of t0, tD and tKR/KW, are met. The minimum total cycle time
requirement t0 is greater than the sum of tD and tKR/KW. (This means that a host implementation can lengthen tD
and/or tKR/KW to ensure that t0 is equal to or greater than the value reported in the device’s IDENTIFY DEVICE
data.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com