Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 423 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 423 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 419Page - Advanced Micro Devices SC3200 Datasheet HTML 420Page - Advanced Micro Devices SC3200 Datasheet HTML 421Page - Advanced Micro Devices SC3200 Datasheet HTML 422Page - Advanced Micro Devices SC3200 Datasheet HTML 423Page - Advanced Micro Devices SC3200 Datasheet HTML 424Page - Advanced Micro Devices SC3200 Datasheet HTML 425Page - Advanced Micro Devices SC3200 Datasheet HTML 426Page - Advanced Micro Devices SC3200 Datasheet HTML 427Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
423
Electrical Specifications
Revision 5.1
9.3.11
Fast IR Port
Figure 9-42. Fast IR (MIR and FIR) Timing Diagram
Table 9-30. Fast IR Port Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tMPW
MIR signal pulse width
tMWN-25
(Note 1)
tMWN+25
ns
Transmitter
60
ns
Receiver
MDRT
MIR transmitter data rate toler-
ance
± 0.1%
tMJT
MIR receiver edge jitter, % of
nominal bit duration
± 2.9%
tFPW
FIR signal pulse width
120
130
ns
Transmitter
90
160
ns
Receiver
tFDPW
FIR signal double pulse width
245
255
ns
Transmitter
215
285
ns
Receiver
FDRT
FIR transmitter data rate toler-
ance
± 0.01%
tFJT
FIR receiver edge jitter, % of
nominal bit duration
± 4.0%
Note 1. tMWN is the nominal pulse width for MIR mode. It is determined by the M_PWID field (bits [4:0]) in the MIR_PW
register at offset 01h in bank 6 of logical device 5.
tFPW
Data
MIR
FIR
Symbol
tFDPW
Chips
tMPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com