Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF321 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 10Page - Dialog Semiconductor AT25SF321 Datasheet HTML 11Page - Dialog Semiconductor AT25SF321 Datasheet HTML 12Page - Dialog Semiconductor AT25SF321 Datasheet HTML 13Page - Dialog Semiconductor AT25SF321 Datasheet HTML 14Page - Dialog Semiconductor AT25SF321 Datasheet HTML 15Page - Dialog Semiconductor AT25SF321 Datasheet HTML 16Page - Dialog Semiconductor AT25SF321 Datasheet HTML 17Page - Dialog Semiconductor AT25SF321 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
13
AT25SF321
DS-25SF321–047F–8/2017
Figure 6-7. Quad-I/O Read Array (Initial command or previous M5, M4
≠ 1,0)
6.5.1
Quad-I/O Read Array (EBh) with Continuous Read Mode
The Fast Read Quad I/O command can further reduce instruction overhead through setting the Continuous Read Mode
bits (M7-0) after the input Address bits (A23-0), as shown in Figure 6-6. The upper nibble (M7-4) of the Continuous Read
Mode bits controls the length of the next Fast Read Quad I/O command through the inclusion or exclusion of the first byte
instruction code. The lower nibble bits (M3-0) of the Continuous Read Mode bits are don't care. However, the IO pins
should be high-impedance prior to the falling edge of the first data out clock. If the Continuous Read Mode bits M5-4 =
(1,0), then the next Quad-I/O Read Array command (after CS is raised and then lowered) does not require the EBh
instruction code, as shown in Fig 6-8. This reduces the command sequence by eight clocks and allows the Read address
to be immediately entered after CS is asserted low. If the "Continuous Read Mode" bits M5-4 do not equal to (1,0), the
next command (after CS is raised and then lowered) requires the first byte instruction code, thus returning to normal
operation. A Continuous Read Mode Reset command can also be used to reset (M7-0) before issuing normal
commands.
Figure 6-8. Quad I/O Read Array with Continuous Read Mode (Previous Command Set M5-4 =1,0)
6.6
Continuous Read Mode Reset (FFh or FFFFh)
The Continuous Read Mode bits are used in conjunction with the Dual I/O Read Array and the Quad I/O Read Array
commands to provide the highest random Flash memory access rate with minimum SPI instruction overhead, thus
allowing more efficient XIP (execute in place) with this device family.
I/O0
(SI)
SCK
I/O1
(SO)
CS
MSB
23
1
0
11101011
67
5
410 11
9
819
17 18
16
Opcode
A20 A16 A12 A8
A23-A16 A15-A8
A21 A17 A13 A9
23
21 22
20
D4
D1
D0
D5
D4
Byte 1
D5
D0
D1
Byte 2
I/O2
(WP)
A22 A18 A14 A10
D2 D6
D6
D2
I/O3
(HOLD)
A23 A19 A15 A11
D3 D7
D7
D3
14 15
13
12
A4 A0 M4 M0
A7-A0
M7-M0
A6 A2 M6 M2
A7 A3 M7 M3
A5 A1 M5 M1
Dummy
I/O0
(SI)
SCK
I/O1
(SO)
CS
23
1
06
7
5
410 11
9
8
A20 A16 A12 A8
A23-A16 A15-A8
A21 A17 A13 A9
D4
D1
D0
D5
D4
Byte 1
D5
D0
D1
Byte 2
I/O2
(WP)
A22 A18 A14 A10
D2 D6
D6
D2
I/O3
(HOLD)
A23 A19 A15 A11
D3 D7
D7
D3
14 15
13
12
A4 A0 M4 M0
A7-A0
M7-M0
A6 A2 M6 M2
A7 A3 M7 M3
A5 A1 M5 M1
Dummy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com