Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF321 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 30Page - Dialog Semiconductor AT25SF321 Datasheet HTML 31Page - Dialog Semiconductor AT25SF321 Datasheet HTML 32Page - Dialog Semiconductor AT25SF321 Datasheet HTML 33Page - Dialog Semiconductor AT25SF321 Datasheet HTML 34Page - Dialog Semiconductor AT25SF321 Datasheet HTML 35Page - Dialog Semiconductor AT25SF321 Datasheet HTML 36Page - Dialog Semiconductor AT25SF321 Datasheet HTML 37Page - Dialog Semiconductor AT25SF321 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
33
AT25SF321
DS-25SF321–047F–8/2017
11.4 Resume from Deep Power-Down (ABh)
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-Down
command must be issued. The Resume from Deep Power-Down command is the only command that the device will
recognize while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and the opcode of ABh must be clocked
into the device. Any additional data clocked into the device after the opcode will be ignored. When the CS pin is
deasserted, the device will exit the Deep Power-Down mode within the maximum time of tRDPD and return to the standby
mode. After the device has returned to the standby mode, normal command operations such as Read Array can be
resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an byte
boundary (multiples of eight bits), then the device will abort the operation and return to the Deep Power-Down mode.
Figure 11-4. Resume from Deep Power-Down
11.4.1 Resume from Deep Power-Down and Read Device ID (ABh)
The Resume from Deep Power-Down command can also be used to read the Device ID.
When used to release the device from the Power-Down state and obtain the Device ID, the CS pin must first be asserted
and opcode of ABh must be clocked into the device, followed by 3 dummy bytes. The Device ID bits are then shifted out
on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure 11-4. This command only outputs a
single byte Device ID. The Device ID value for the AT25SF321 is listed in Table 11-1.
After the last bit (bit 0) of the Device ID has been clocked out, the sequence will repeat itself starting again with bit 7 as
long as the CS pin remains asserted and the SCK pin is being pulsed. After CS is deasserted it must remain high for a
time duration of tRDPO before new commands can be received.
The same instruction may be used to read device ID when not in power down. In that case, /CS does not have to remain
high remain after it is deasserted.
MSB
23
1
0
10101011
67
5
4
OPCODE
HI
GH-
I
MPEDANCE
DeepPower
-
DownModeCur
r
ent
Act
i
veCur
r
ent
St
andbyModeCur
r
ent
t
RDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com