Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF321 Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 20Page - Dialog Semiconductor AT25SF321 Datasheet HTML 21Page - Dialog Semiconductor AT25SF321 Datasheet HTML 22Page - Dialog Semiconductor AT25SF321 Datasheet HTML 23Page - Dialog Semiconductor AT25SF321 Datasheet HTML 24Page - Dialog Semiconductor AT25SF321 Datasheet HTML 25Page - Dialog Semiconductor AT25SF321 Datasheet HTML 26Page - Dialog Semiconductor AT25SF321 Datasheet HTML 27Page - Dialog Semiconductor AT25SF321 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
23
AT25SF321
DS-25SF321–047F–8/2017
9.
Security Register Commands
The device contains three extra pages called Security Registers that can be used for purposes such as unique device
serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc. The Security Registers are
independent of the main Flash memory.
Each page of the Security Register can be erased and programmed independently. Each page can also be
independently locked to prevent further changes.
9.1
Erase Security Registers (44h)
Before an erase Security Register Page command can be started, the Write Enable command must have been
previously issued to the device to set the WEL bit of the Status Register to a logical "1" state.
To perform an Erase Security Register Page command, the CS pin must first be asserted and the opcode 44h must be
clocked into the device. After the opcode has been clocked in, the three address bytes specifying the Security Register
Page to be erased must be clocked in. When the CS pin is deasserted, the device will erase the appropriate block. The
erasing of the block is internally self-timed and should take place in a time of tBE.
Since the Erase Security Register Page command erases a region of bytes, the lower order address bits do not need to
be decoded by the device. Therefore address bits A7-A0 will be ignored by the device. Despite the lower order address
bits not being decoded by the device, the complete three address bytes must still be clocked into the device before the
CS pin is deasserted, and the CS pin must be deasserted right after the last address bit (A0); otherwise, the device will
abort the operation and no erase operation will be performed.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tBE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the RDY/BSY bit in the
Status Register will be reset back to the logical "0" state.
The WEL bit in the Status Register will be reset back to the logical "0" state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the
region to be erased is protected.
The Security Registers Lock Bits (LB3-LB1) in the Status Register can be used to OTP protect the security registers.
Once a Lock Bit is set to 1, the corresponding Security Register will be permanently locked. The Erase Security Register
Page instruction will be ignored for Security Registers which have their Lock Bit set.
Figure 9-1. Erase Security Register Page
Table 9-1.
Security Register Addresses for Erase Security Register Page Command
Address
A23-A16
A15-A8
A7-A0
Security Register 1
00H
01H
Don’t Care
Security Register 2
00H
02H
Don’t Care
Security Register 3
00H
03H
Don’t Care
MSB
23
1
0
67
5
4
OPCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com