Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF321 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 27Page - Dialog Semiconductor AT25SF321 Datasheet HTML 28Page - Dialog Semiconductor AT25SF321 Datasheet HTML 29Page - Dialog Semiconductor AT25SF321 Datasheet HTML 30Page - Dialog Semiconductor AT25SF321 Datasheet HTML 31Page - Dialog Semiconductor AT25SF321 Datasheet HTML 32Page - Dialog Semiconductor AT25SF321 Datasheet HTML 33Page - Dialog Semiconductor AT25SF321 Datasheet HTML 34Page - Dialog Semiconductor AT25SF321 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
30
AT25SF321
DS-25SF321–047F–8/2017
Figure 10-4. Write Enable for Volatile Status Register
11.
Other Commands and Functions
The AT25SF321 supports three different commands to access device identification that indicates the manufacturer,
device type, and memory density. The returned data bytes provide information as shown in Table 11-1.
11.1 Read Manufacturer and Device ID (9Fh)
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system.
Since not all Flash devices are capable of operating at very high clock frequencies, applications should be designed to
read the identification information from the devices at a reasonably low clock frequency to ensure all devices used in the
application can be identified properly. Once the identification process is complete, the application can increase the clock
frequency to accommodate specific Flash devices that are capable of operating at the higher clock frequencies.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during
the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID followed by two bytes of Device
ID information. Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and put the SO pin
into a high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be
read.
Table 11-2. Manufacturer and Device ID Information
MSB
23
1
0
67
5
4
OPCODE
HI
GH-
I
MPEDANCE
Table 11-1. Manufacturer and Device ID Information
Instruction
Opcode
Dummy
Bytes
Manufacturer ID
(Byte #1)
Device ID
(Byte #2)
Device ID
(Byte #3)
Read Manufacturer and Device ID
9Fh
0
1Fh
87h
01h
Read ID (Legacy Command)
90h
3
1Fh
15h
Resume from Deep Power-Down and
Read Device ID
ABh
3
15h
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
87h
3
Device ID (Part 2)
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com