Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF321 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 21Page - Dialog Semiconductor AT25SF321 Datasheet HTML 22Page - Dialog Semiconductor AT25SF321 Datasheet HTML 23Page - Dialog Semiconductor AT25SF321 Datasheet HTML 24Page - Dialog Semiconductor AT25SF321 Datasheet HTML 25Page - Dialog Semiconductor AT25SF321 Datasheet HTML 26Page - Dialog Semiconductor AT25SF321 Datasheet HTML 27Page - Dialog Semiconductor AT25SF321 Datasheet HTML 28Page - Dialog Semiconductor AT25SF321 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
24
AT25SF321
DS-25SF321–047F–8/2017
9.2
Program Security Registers (42h)
The Program Security Registers command utilizes the internal 256-byte buffer for processing. Therefore, the contents of
the buffer will be altered from its previous state when this command is issued.
The Security Registers can be programmed in a similar fashion to the Program Array operation up to the maximum clock
frequency specified by fCLK. Before a Program Security Registers command can be started, the Write Enable command
must have been previously issued to the device (see “Write Enable (06h)” on page 20) to set the Write Enable Latch
(WEL) bit of the Status Register to a logical “1” state. To program the Security Registers, the CS pin must first be
asserted and the opcode of 42h must be clocked into the device. After the opcode has been clocked in, the three address
bytes must be clocked in to specify the starting address location of the first byte to program within the Security Register.
Table 9-2.
Security Register Addresses for Program Security Registers Command
Figure 9-2. Program Security Registers
9.3
Read Security Registers (48h)
The Security Register can be sequentially read in a similar fashion to the Read Array operation up to the maximum clock
frequency specified by fCLK. To read the Security Register, the CS pin must first be asserted and the opcode of 48h must
be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify
the starting address location of the first byte to read within the Security Register. Following the three address bytes, one
dummy byte must be clocked into the device before data can be output.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles will result in Security
Register data being output on the SO pin. When the last byte (0003FFh) of the Security Register has been read, the
device will continue reading back at the beginning of the register (000000h). No delays will be incurred when wrapping
around from the end of the register to the beginning of the register.
Address
A23-A16
A15-A8
A7-A0
Security Register 1
00H
01H
Byte Address
Security Register 2
00H
02H
Byte Address
Security Register 3
00H
03H
Byte Address
MSB
MSB
23
1
0
0
01
67
5
49
839
3738
3336
35
34
3132
2930
OPCODE
HI
GH-
I
MPEDANCE
AA
AAA
A
MSB
DDDDDDDD
ADDRESS BI
TS A23-
A0
DATAI
NBYTE1
MSB
DDDDDDDD
DATAI
NBYTEn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com