Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics ST25R3911B Datasheet HTML 51Page - STMicroelectronics ST25R3911B Datasheet HTML 52Page - STMicroelectronics ST25R3911B Datasheet HTML 53Page - STMicroelectronics ST25R3911B Datasheet HTML 54Page - STMicroelectronics ST25R3911B Datasheet HTML 55Page - STMicroelectronics ST25R3911B Datasheet HTML 56Page - STMicroelectronics ST25R3911B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
Registers are set to their default state at power-up and after sending direct command Set Default. The exceptions
are IO configuration register 1 , IO configuration register 2 and Operation control register. These registers are
related to the hardware configuration and are reset to their default state only at power-up.
Table 18. Registers map
Address
(hex)
Main function
Content
Comment
00
IO configuration
IO configuration register 1
Set to default state
only at power-up
RW
01
IO configuration register 2
RW
02
Operation control and
Mode definition
Operation control register
Set to default state
only at power-up
RW
03
Mode definition register
-
RW
04
Bit rate definition register
-
RW
05
Configuration
ISO14443A and NFC 106kb/s settings register
-
RW
06
ISO14443B settings register 1
-
RW
07
ISO14443B and FeliCa settings register
-
RW
08
Stream mode definition register
-
RW
09
Auxiliary definition register
-
RW
0A
Receiver configuration register 1
-
RW
0B
Receiver configuration register 2
-
RW
0C
Receiver configuration register 3
-
RW
0D
Receiver configuration register 4
-
RW
0E
Timer definition
Mask receive timer register
-
RW
0F
No-response timer register 1
-
RW
10
No-response timer register 2
-
RW
11
General purpose and no-response timer control
register
-
RW
12
General purpose timer register 1
-
RW
13
General purpose timer register 2
-
RW
14
Interrupt and associated reporting
Main interrupt register
-
RW
15
Mask timer and NFC interrupt register
-
RW
16
Mask error and wake-up interrupt register
-
RW
17
Main interrupt register
-
R
18
Mask timer and NFC interrupt register
-
R
19
Error and wake-up interrupt register
-
R
1A
FIFO status register 1
-
R
1B
FIFO status register 2
-
R
1C
Collision display register
-
R
1D
Definition of transmitted bytes
Number of transmitted bytes register 1
-
RW
1E
Number of transmitted bytes register 2
-
RW
1F
NFCIP bit rate detection display
NFCIP bit rate detection display register
-
R
20
A/D converter output
A/D converter output register
-
R
21
Antenna calibration
Antenna calibration control register
-
RW
ST25R3911B
Registers
DS11793 - Rev 6
page 53/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com