Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 77Page - STMicroelectronics ST25R3911B Datasheet HTML 78Page - STMicroelectronics ST25R3911B Datasheet HTML 79Page - STMicroelectronics ST25R3911B Datasheet HTML 80Page - STMicroelectronics ST25R3911B Datasheet HTML 81Page - STMicroelectronics ST25R3911B Datasheet HTML 82Page - STMicroelectronics ST25R3911B Datasheet HTML 83Page - STMicroelectronics ST25R3911B Datasheet HTML 84Page - STMicroelectronics ST25R3911B Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
1.3.39
RFO AM modulated level definition register
Address: 26h
Type: RW
Table 65. RFO AM modulated level definition register
Bit Name Default Function
Comments(1)
7
dram7 0
2 Ohm
Antenna drivers are composed of eight binary weighted segments. Setting a bit dram to 1
will disable corresponding segment during AM modulated state in case am_s bit is set to 1.
6
dram6 0
4 Ohm
5
dram5 0
8 Ohm
4
dram4 0
16 Ohm
3
dram3 0
32 Ohm
2
dram2 0
64 Ohm
1
dram1 0
128 Ohm
0
dram0 0
256 Ohm
1. Default setting takes place at power-up and after Set Default command.
1.3.40
RFO normal level definition register
Address: 27h
Type: RW
Table 66. RFO normal level definition register
Bit Name Default Function
Comments(1)
7
droff7 0
2 Ohm
Antenna drivers are composed of eight binary weighted segments. Setting a bit droff to 1 will
disable corresponding segment during normal non-modulated operation.
The TX drivers are made up of 8 segments, binary weighted from 2 to 256 Ohm (nominal).
As an example, setting this register to 0xC0 disables the 2 Ohm and 4 Ohm segments.
6
droff6 0
4 Ohm
5
droff5 0
8 Ohm
4
droff4 0
16 Ohm
3
droff3 0
32 Ohm
2
droff2 0
64 Ohm
1
droff1 0
128 Ohm
0
droff0 0
256 Ohm
1. Default setting takes place at power-up and after Set Default command.
Applying value FFh to the register 27h will put the drivers in tristate.
ST25R3911B
Registers
DS11793 - Rev 6
page 81/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com