Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 6Page - STMicroelectronics ST25R3911B Datasheet HTML 7Page - STMicroelectronics ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics ST25R3911B Datasheet HTML 10Page - STMicroelectronics ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
AGC, Squelch and RSSI
As mentioned above, the second and third gain stage gain and the digitizing stage window are included in the
AGC and Squelch loops. Eleven settings are available. The default state features minimum digitizer window and
maximum gain. The first four steps increase the digitizer window in 3 dB steps, the next six steps additionally
reduce the gain in the second and third gain stage, again in 3 dB steps. The initial setting with whom Squelch and
AGC start is defined in Receiver configuration register 4. The Gain reduction state register displays the actual
state of gain that results from Squelch, AGC and initial settings in Receiver configuration register 4. During bit
anticollision like Type A, the AGC should be disabled.
Squelch
This feature is designed for operation of the receiver in noisy conditions. The noise can come from tags (caused
by the processing of reader commands), or it can come from a noisy environment. This noise may be
misinterpreted as start of transponder response, resulting in decoding errors.
During execution of the Squelch procedure the output of the digitizing comparator is observed. In case there are
more than two transitions on this output in a 50 μs time period, the receiver gain is reduced by 3 dB, and the
output is observed during the next 50 μs. This procedure is repeated until the number of transitions in 50 μs is
lower or equal to two, or until the maximum gain reduction is reached. This gain reduction can be cleared sending
the direct command Reset Rx Gain.
There are two possibilities of performing squelch: automatic mode and using the direct command Squelch.
1.
Automatic mode is enabled in case bit sqm_dyn in the Receiver configuration register 2 is set. It is activated
automatically 18.88 μs after end of Tx and is terminated when the Mask Receive timer expires. This mode is
primarily intended to suppress noise generated by tag processing during the time when a tag response is not
expected (covered by Mask Receive timer).
2.
Command Squelch is accepted in case it is sent when signal rx_on is low. It can be used when the time
window in which noise is present is known by the controller.
AGC
AGC (Automatic Gain Control) is used to reduce gain to keep the receiver chain out of saturation. With gain
properly adjusted the demodulation process is also less influenced by system noise.
AGC action starts when signal rx_on is asserted high and is reset when it is reset to low. At the high to low
transitions of the rx_on signal the state of the receiver gain is stored in the Gain reduction state register. Reading
this register at a later stage gives information on the gain setting used during last reception.
When AGC is switched on the receiver gain is reduced so that the input to the digitizer stage is not saturated. The
AGC system comprises a comparator with a window 3.5 times larger than that of the digitizing window
comparator. When the AGC function is enabled the gain is reduced until there are no transitions on the output of
its window comparator. This procedure ensures that the input to the digitizing window comparator is less than 3.5
times larger than its threshold.
AGC operation is controlled by the control bits agc_en, agc_m and agc_fast in the Receiver configuration register
2. Bit agc_en enables the AGC operation, bit agc_m defines the AGC mode, and bit agc_alg defines the AGC
algorithm.
Two AGC modes are available. The AGC can operate during the complete Rx process (as long as signal rx_on is
high), or it can be enabled only during the first eight sub-carrier pulses.
Two AGC algorithms are available. The AGC can either start by presetting code 4h (max digitizer window, max
gain) or by resetting the code to 0h (min digitizer window, max gain).
The algorithm with preset code is faster, therefore it is recommended for protocols with short SOF (like
ISO14443A fc/128).
Default AGC settings are:
•
AGC is enabled
•
AGC operates during complete Rx process
•
algorithm with preset is used.
ST25R3911B
Application information
DS11793 - Rev 6
page 10/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com