Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3911B Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
Wake-up timer
Wake timer is primarily used in the wake-up mode (see Section 1.2.5 Wake-up mode). Additionally it can be
used by sending a direct command Start wake-up Timer. This command is accepted in any operation mode
except wake-up mode. When this command is sent the RC oscillator used as clock source for wake-up timer is
started, timeout is defined by setting in the Wake-up timer control register. When the timer expires, an IRQ with
the I_wt flag in the Error and wake-up interrupt register is sent.
wake-up timer is useful in the Low Power operation mode, in which other timers cannot be used (in the Low
Power operation mode the crystal oscillator, which is clock source for the other timers, is not running).
Note:
The tolerance of wake-up timer timeout is defined by tolerance of the RC oscillator.
1.2.8
A/D converter
The ST25R3911B contains an 8-bit successive approximation A/D converter. Inputs to the A/D converter can be
multiplexed from different sources to be used in several direct commands and adjustment procedures. The result
of the last A/D conversion is stored in the A/D converter output register.
The A/D converter has two operating modes, absolute and relative.
•
In absolute mode the low reference is 0 V and the high reference is 2 V. This means that A/D converter input
range is from 0 to 2 V, 00h code means input is 0 V or lower, FFh means that input is 2 V - 1 LSB or higher
(LSB is 7.8125 mV).
•
In relative mode low reference is 1/6 of VSP_A and high reference is 5/6 of VSP_A, so the input range is from
1/6 to 5/6 VSP_A.
Relative mode is only used in phase measurement (phase detector output is proportional to power supply). In all
other cases absolute mode is used.
1.2.9
Phase and amplitude detector
This block is used to provide input to A/D converter to perform measurements of amplitude and phase, expected
by direct commands Measure Amplitude and Measure Phase. Several phase and amplitude measurements are
also performed by direct commands Calibrate Modulation Depth and Calibrate Antenna.
Phase detector
The phase detector is observing phase difference between the transmitter output signals (RFO1 and RFO2) and
the receiver input signals RFI1 and RFI2, which are proportional to the signal on the antenna LC tank. These
signals are first elaborated by digitizing comparators, then digitized signals are processed by a phase detector
with a strong low pass filter to get average phase difference.
The phase detector output is inversely proportional to the phase difference between the two inputs. The 90°
phase shift results in VSP_A/2 output voltage, in case both inputs are in phase output voltage is VSP_A, in case
they are in opposite phase output voltage is 0 V. During execution of direct command Measure Phase this output
is multiplexed to A/D converter input (A/D converter is in relative mode during execution of command Measure
Phase). Since the A/D converter range is from 1/6 to 5/6 VSP_A the actual phase detector range is from 30º to
150º.
Figure 6 and Figure 7 show the two inputs and the output of phase detector, respectively, in case of 90º and 135º
shifts.
ST25R3911B
Application information
DS11793 - Rev 6
page 15/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com