Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L64F2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 43Page - STMicroelectronics SPC572L64F2 Datasheet HTML 44Page - STMicroelectronics SPC572L64F2 Datasheet HTML 45Page - STMicroelectronics SPC572L64F2 Datasheet HTML 46Page - STMicroelectronics SPC572L64F2 Datasheet HTML 47Page - STMicroelectronics SPC572L64F2 Datasheet HTML 48Page - STMicroelectronics SPC572L64F2 Datasheet HTML 49Page - STMicroelectronics SPC572L64F2 Datasheet HTML 50Page - STMicroelectronics SPC572L64F2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
DocID027866 Rev 5
47/112
SPC572Lx
Electrical characteristics
111
Table 25. SARn ADC electrical specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VALTREF
SR
P ADC alternate
reference voltage
VALTREF < VDD_HV_IO_MAIN
VALTREF < VDD_HV_ADV
4.5
5.5
V
C2.0
4.0
C4.0
5.9
VIN
SR
D ADC input signal
0 < VIN < VDD_HV_IO_MAIN
VSS_HV_ADR
VDD_HV_ADR
V
fADCK
SR
P Clock frequency
TJ < 150 °C
7.5
14.6
MHz
tADCPRECH SR
T ADC precharge time
Fast SAR—fast precharge
135
—
ns
Fast SAR—full precharge
270
—
Slow SAR (SARADC_B)(2)—
fast precharge
270
—
Slow SAR (SARADC_B)(2)—
full precharge
540
—
ΔVPRECH
SR
D ADC precharge voltage Full precharge
VPRECH = VDD_HV_ADR/2
TJ <150 °C
–0.25
0.25
V
D
Fast precharge
VPRECH = VDD_HV_ADR/2
TJ <150 °C
–0.5
0.5
V
ΔVINTREF
CC
P Internal reference
voltage precision
Applies to all internal
reference points
(VSS_HV_ADR,
1/3 * VDD_HV_ADR,
2/3 * VDD_HV_ADR,
VDD_HV_ADR)
−0.20
0.20
V
tADCSAMPLE SR
P ADC sample time(3)
Fast SAR – 12-bit
configuration
0.750
—
µs
D
Fast SAR – 10-bit
configuration
0.555
—
P
Slow SAR (SARADC_B)(2) –
12-bit configuration
1.500
—
D
Slow SAR (SARADC_B)(2) –
10-bit configuration
0.833
—
tADCEVAL
SR
P ADC evaluation time
12-bit configuration (25 clock
cycles)
1.712
—
µs
D
10-bit configuration (21 clock
cycles)
1.458
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com