Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L64F2 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 56Page - STMicroelectronics SPC572L64F2 Datasheet HTML 57Page - STMicroelectronics SPC572L64F2 Datasheet HTML 58Page - STMicroelectronics SPC572L64F2 Datasheet HTML 59Page - STMicroelectronics SPC572L64F2 Datasheet HTML 60Page - STMicroelectronics SPC572L64F2 Datasheet HTML 61Page - STMicroelectronics SPC572L64F2 Datasheet HTML 62Page - STMicroelectronics SPC572L64F2 Datasheet HTML 63Page - STMicroelectronics SPC572L64F2 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
Electrical characteristics
SPC572Lx
60/112
DocID027866 Rev 5
tSM2NM_TX
CC
T
Transmitter startup time (sleep
mode to normal mode)(7)
Not applicable to the
MSC/DSPI LVDS
pad
—0.2
0.5
µs
tPD2NM_RX
CC
T
Receiver startup time (power down
to normal mode)(8)
—
—
20
40
ns
tPD2SM_RX
CC
T
Receiver startup time (power down
to sleep mode)(9)
Not applicable to the
MSC/DSPI LVDS
pad
—20
50
ns
ILVDS_BIAS
CC
T
LVDS bias current consumption
Tx or Rx enabled
—
—
0.95
mA
TRANSMISSION LINE CHARACTERISTICS (PCB Track)
Z0
SR
D
Transmission line characteristic
impedance
—
47.5
50
52.5
Ω
ZDIFF
SR
D
Transmission line differential
impedance
—
95
100
105
Ω
RECEIVER
VICOM
SR
T
Common mode voltage
—
0.15(10)
—1.6(11)
V
|
ΔVI|
SR
P
Differential input voltage(12)
—
100
—
—
mV
VHYS
CC
C
Input hysteresis
—
25
—
—
mV
RIN
CC
D
Terminating resistance
VDD_HV_IO =
5.0 V ± 10%
80
125
150
Ω
DVDD_HV_IO =
3.3 V ± 10%
80
115
150
Ω
CIN
CC
D
Differential input capacitance(13)
——
3.5
6.0
pF
ILVDS_RX
CC
T
Receiver DC current consumption Enabled
—
—
0.5
mA
1. The LVDS pad startup and receiver electrical characteristics in this table apply to the LFAST LVDS pad, and the MSC/DSPI
LVDS pad except where noted in the conditions.
2. All LVDS pad electrical characteristics are valid from –40 °C to 150 °C.
3. All startup times are defined after a 2 peripheral bridge clock delay from writing to the corresponding enable bit in the LVDS
control registers (LCR) of the LFAST and module. The value of the LCR bits for the LFAST/HSD modules don’t take effect
until the corresponding SIUL2 MSCR ODC bits are set to LFAST LVDS mode. Startup times for MSC/DSPI LVDS are
defined after 2 peripheral bridge clock delay after selecting MSC/DSPI LVDS in the corresponding SIUL2 MSCR ODC field.
4. Startup times are valid for the maximum external loads CL defined in both the LFAST/HSD and MSC/DSPI transmitter
electrical characteristic tables.
5. Bias startup time is defined as the time taken by the current reference block to reach the settling bias current after being
enabled.
6. Total transmitter startup time from power down to normal mode is tSTRT_BIAS + tPD2NM_TX + 2 peripheral bridge clock
periods.
7. Total transmitter startup time from sleep mode to normal mode is tSM2NM_TX + 2 peripheral bridge clock periods. Bias block
remains enabled in sleep mode.
8. Total receiver startup time from power down to normal mode is tSTRT_BIAS + tPD2NM_RX + 2 peripheral bridge clock periods.
9. Total receiver startup time from power down to sleep mode is tPD2SM_RX + 2 peripheral bridge clock periods. Bias block
remains enabled in sleep mode.
10. Absolute min = 0.15 V – (285 mV/2) = 0 V
11. Absolute max = 1.6 V + (285 mV/2) = 1.743 V
Table 28. LVDS pad startup and receiver electrical characteristics(1)(2) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com