Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L64F2 Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 84Page - STMicroelectronics SPC572L64F2 Datasheet HTML 85Page - STMicroelectronics SPC572L64F2 Datasheet HTML 86Page - STMicroelectronics SPC572L64F2 Datasheet HTML 87Page - STMicroelectronics SPC572L64F2 Datasheet HTML 88Page - STMicroelectronics SPC572L64F2 Datasheet HTML 89Page - STMicroelectronics SPC572L64F2 Datasheet HTML 90Page - STMicroelectronics SPC572L64F2 Datasheet HTML 91Page - STMicroelectronics SPC572L64F2 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
Electrical characteristics
SPC572Lx
88/112
DocID027866 Rev 5
Figure 35. RMII serial management channel timing diagram
3.17.3.2
RMII receive signal timing (RXD[1:0], CRS_DV)
The receiver functions correctly up to a REF_CLK maximum frequency of 50 MHz +1%.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the RX_CLK frequency, which is half that of the REF_CLK frequency.
M11
MDC (output)
MDIO (output)
M12
M13
MDIO (input)
M10
M14
M15
Table 47. RMII receive signal timing(1)
Symbol
C
Characteristic
Value
Unit
Min
Max
R1
CC
D
RXD[1:0], CRS_DV to REF_CLK setup
4
—
ns
R2
CC
D
REF_CLK to RXD[1:0], CRS_DV hold
2
—
ns
R3
CC
D
REF_CLK pulse width high
35%
65%
REF_CLK period
R4
CC
D
REF_CLK pulse width low
35%
65%
REF_CLK period
1. All timing specifications are referenced from REF_CLK = 1.4 V to the valid input levels, 0.8 V and 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com