Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L64F2 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 52Page - STMicroelectronics SPC572L64F2 Datasheet HTML 53Page - STMicroelectronics SPC572L64F2 Datasheet HTML 54Page - STMicroelectronics SPC572L64F2 Datasheet HTML 55Page - STMicroelectronics SPC572L64F2 Datasheet HTML 56Page - STMicroelectronics SPC572L64F2 Datasheet HTML 57Page - STMicroelectronics SPC572L64F2 Datasheet HTML 58Page - STMicroelectronics SPC572L64F2 Datasheet HTML 59Page - STMicroelectronics SPC572L64F2 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Electrical characteristics
SPC572Lx
56/112
DocID027866 Rev 5
tSETTLING
CC
D Settling time after
mux change
Analog inputs are muxed
HPF = ON
——
2*
δGROUP +
3*fADCD_S
—
HPF = OFF
—
—
2*
δGROUP +
2*fADCD_S
—
tODRECOVERY CC
D Overdrive recovery
time
After input comes within
range from saturation
HPF = ON
——
2*
δGROUP +
fADCD_S
—
HPF = OFF
—
—
2*
δGROUP
—
CS_D
CC
D S/D ADC sampling
capacitance after
sampling switch(14)
GAIN = 1, 2, 4, 8
—
—
75*GAIN
fF
D
GAIN = 16
—
—
600
fF
IBIAS
CC
D Bias consumption
At least 1 ADCD enabled
—
—
3.5
mA
IADV_D
CC
P VDD_HV_ADV power
supply current
(single S/D ADC)
S/D ADC Dynamic
consumption
——
3.5
mA
IADCS/D_REFH CC
T S/D ADC Reference
High Current
Dynamic consumption
(Conversion)
——
3.5
µA
T
Static consumption (Power
down)
——
+8
1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2. For input voltage above the maximum and below the clamp voltage of the input pad, there is no latch-up concern, and the
signal will only be ‘clipped’.
3. VINP is the input voltage applied to the positive terminal of the SDADC.
4. VINM is the input voltage applied to the negative terminal of the SDADC.
5. Maximum input of 166.67 kHz supported with reduced accuracy. See SNR specifications.
6. When using a GAIN setting of 16, the conversion result will always have a value of zero in the least significant bit. This
gives an effective resolution of 15 bits.
7. Offset and gain error due to temperature drift can occur in either direction (+/-) for each of the SDADCs on the device.
8. Calibration of gain is possible when gain = 1.
Offset Calibration should be done with respect to 0.5*VDD_HV_ADR for differential mode and single ended mode with
negative input=0.5*VDD_HV_ADR.
Offset Calibration should be done with respect to 0 for "single ended mode with negative input=0".
Both offset and Gain Calibration is guaranteed for ±5% variation of VDD_HV_ADR, ±10% variation of VDD_HV_ADV, and ± 50
°C temperature variation.
9. Conversion offset error must be divided by the applied gain factor (1, 2, 4, 8, or 16) to obtain the actual input referred offset
error.
10. This parameter is guaranteed by bench validation with a small sample of typical devices, and tested in production to a
value of 6 dB less.
11. Impedance given at fADCD_M = 16 MHz. Impedance is inversely proportional to frequency:
ZDIFF(fADCD_M)=16 MHz/fADCD_M * ZDIFF
ZCM(fADCD_M) =16MHz/fADCD_M * ZCM
12. SNR values guaranteed only if external noise on the ADC input pin is attenuated by the required SNR value in the
frequency range of fADCD_M – fADCD_S to fADCD_M + fADCD_S, where fADCD_M is the input sampling frequency, and fADCD_S
is the output sample frequency. A proper external input filter should be used to remove any interfering signals in this
frequency range.
13. The ±1% passband ripple specification is equivalent to 20 * log10 (0.99) = 0.087 dB.
Table 26. SDn ADC electrical specification(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com