Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 2Page - Micrel Semiconductor MICRF405YML Datasheet HTML 3Page - Micrel Semiconductor MICRF405YML Datasheet HTML 4Page - Micrel Semiconductor MICRF405YML Datasheet HTML 5Page - Micrel Semiconductor MICRF405YML Datasheet HTML 6Page - Micrel Semiconductor MICRF405YML Datasheet HTML 7Page - Micrel Semiconductor MICRF405YML Datasheet HTML 8Page - Micrel Semiconductor MICRF405YML Datasheet HTML 9Page - Micrel Semiconductor MICRF405YML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Micrel
MICRF405
April 2006
6
M9999-041906
(408) 955-1690
Electrical Characteristics (cont.)
Parameter
Condition
Min
Typ
Max
Units
FSK 38.4kbps,
β = 2, bandwidth for 99.5%
of total power, RBW=10kHz
130
kHz
FSK 125kbps,
β = 2, bandwidth for 99.5%
of total power, RBW=30kHz
425
kHz
FSK 200kbps,
β = 2, bandwidth for 99.5%
of total power, RBW=100kHz
750
kHz
Occupied bandwidth
ASK (OOK) 38.4kbps, bandwidth for 99.5%
of total power, RBW=10kHz
200
kHz
ASK 20dB modulation depth, 38.4kbps,
bandwidth for 99% of total power,
RBW=10kHz
120
kHz
2
nd Harmonic
-36
dBm
3
rd Harmonic
-54
dBm
Spurious Emission<1GHz
-54
dBm
Spurious Emission>1GHz
-41
dBm
LO Leakage
Measured with matching network
-80
dBm
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. On the pins RFVDD (3), PTATBIAS (6), DVDD (9), CPOUT (20), VARIN (21) and AVDD (23), the maximum input voltage should not
exceed 2.75V.
4. Devices are ESD sensitive. Handling precautions recommended. Pin 4, RFOUT, has less ESD protection (Human body model (HBM) of
200V and Charged Device Model (CDM) of 500V).
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com