Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 34 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 34 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 30Page - Micrel Semiconductor MICRF405YML Datasheet HTML 31Page - Micrel Semiconductor MICRF405YML Datasheet HTML 32Page - Micrel Semiconductor MICRF405YML Datasheet HTML 33Page - Micrel Semiconductor MICRF405YML Datasheet HTML 34Page - Micrel Semiconductor MICRF405YML Datasheet HTML 35Page - Micrel Semiconductor MICRF405YML Datasheet HTML 36Page - Micrel Semiconductor MICRF405YML Datasheet HTML 37Page - Micrel Semiconductor MICRF405YML Datasheet HTML 38Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Micrel
MICRF405
April 2006
34
M9999-041906
(408) 955-1690
Bit Description
Adr
Data
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
Mode1=0
Mode0=1
PA2=1
PA1=1
PA0=1
ClkOut_en=1
Sync_en=1
Load_en=1
0000001
-
-
A0_5=0
A0_4=0
A0_3=1
A0_2=1
A0_1=1
A0_0=0
0000010
-
-
-
-
N0_11=0
N0_10=0
N0_9=0
N0_8=0
0000011
N0_7=0
N0_6=1
N0_5=1
N0_4=1
N0_3=0
N0_2=0
N0_1=1
N0_0=1
0000100
-
-
-
-
M0_11=0
M0_10=0
M0_9=0
M0_8=0
0000101
M0_7=0
M0_6=0
M0_5=1
M0_4=0
M0_3=0
M0_2=0
M0_1=0
M0_0=1
0000110
-
-
A1_5=0
A1_4=1
A1_3=1
A1_2=1
A1_1=1
A1_0=1
0000111
-
-
-
-
N1_11=0
N1_10=0
N1_9=0
N1_8=0
0001000
N1_7=0
N1_6=1
N1_5=1
N1_4=0
N1_3=1
N1_2=1
N1_1=1
N1_0=1
0001001
-
-
-
-
M1_11=0
M1_10=0
M1_9=0
M1_8=0
0001010
M1_7=0
M1_6=0
M1_5=1
M1_4=0
M1_3=0
M1_2=0
M1_1=0
M1_0=0
0001011
LowBatt_en=1
Freq_Band1=0
Freq_Band0=1
VCO_freq2=0
VCO_freq1=1
VCO_freq0=1
Modulation1=1
Modulation0=0
0001100
LowBatt_level=0
LDO_by=0
LDO_en1=1
LDO_en0=1
MOD_LDc_en=0
PA_FEc_en=0
PA_LDc_en=0
LD_en=1
0001101
Bit_IO_en=1
Manchester_en=0
Sel_CRC1=1
Sel_CRC0=1
SyncID_Len1=0
SyncID_Len0=1
Pream_Len1=1
Pream_Len0=0
0001110
Mod_I4=0
Mod_I3=1
Mod_I2=0
Mod_I1=0
Mod_I0=1
Mod_A2=0
Mod_A1=1
Mod_A0=1
0001111
VCO_Fr_Chk=0
VCO_Fr_Auto=0
FSKn2=1
FSKn1=0
FSKn0=0
Mod_F2=1
Mod_F1=0
Mod_F0=0
0010000
‘0’
Prescaler_Sel=0
FSKClk_K5=1
FSKClk_K4=1
FSKClk_K3=0
FSKClk_K2=1
FSKClk_K1=0
FSKClk_K0=0
0010001
ASK_PN_en=0
ASK_EN=0
ASKshape2=1
ASKshape1=1
ASKshape0=1
ASK2=1
ASK1=1
ASK0=1
0010010
ASKn1=1
ASKn0=0
ASKClk_K5=1
ASKClk_K4=1
ASKClk_K3=0
ASKClk_K2=1
ASKClk_K1=0
ASKClk_K0=0
0010011
INT_LF_EN=1
CP_CUR1=0
CP_CUR0=1
LF_RES1_4=0
LF_RES1_3=1
LF_RES1_2=0
LF_RES1_1=0
LF_RES1_0=1
0010100
LF_High_PM=1
LF_CAP1=1
LF_CAP0=1
LF_RES3_4=0
LF_RES3_3=0
LF_RES3_2=1
LF_RES3_1=0
LF_RES3_0=1
0010101
ClkOut_1=0
ClkOut_0=0
XCO_Fast=1
XCOtune4=1
XCOtune3=0
XCOtune2=0
XCOtune1=0
XCOtune0=0
0010110
INT_LF_TEST=0
VCO_IB2=0
VCO_IB1=0
VCO_IB0=0
VCO_by=0
OUTS2=0
OUTS1=0
OUTS0=0
0010111
PA_IB3=1
PA_IB2 =0
PA_IB1=0
PA_IB0=1
PAB_IB3=1
PAB_IB2=0
PAB_IB1=0
PAB_IB0=1
0011000
VCO_freq_O2
VCO_freq_O1
VCO_freq_O0
VC_HI
VC_LO
LOW_BATT
0011001
SyncID3_7=1
SyncID3_6=1
SyncID3_5=1
SyncID3_4=0
SyncID3_3=0
SyncID3_2=1
SyncID3_1=0
SyncID3_0=1
0011010
SyncID2_7=1
SyncID2_6=1
SyncID2_5=1
SyncID2_4=0
SyncID2_3=0
SyncID2_2=1
SyncID2_1=0
SyncID2_0=1
0011011
SyncID1_7=1
SyncID1_6=1
SyncID1_5=1
SyncID1_4=0
SyncID1_3=0
SyncID1_2=1
SyncID1_1=0
SyncID1_0=1
0011100
SyncID0_7=1
SyncID0_6=1
SyncID0_5=1
SyncID0_4=0
SyncID0_3=0
SyncID0_2=1
SyncID0_1=0
SyncID0_0=1
0011101
DATA_7
DATA_6
DATA_5
DATA_4
DATA_3
DATA_2
DATA_1
DATA_0
The 5 last bytes (0011001-0011101) are valid instantly, in other words, no load pulse (raising SEN) is needed to
activate the changes.
Mode1
Mode0
State
Comments
0
0
Power down
Keeps Register configuration
0
1
1
0
Standby
Crystal Oscillator running
1
1
Transmit mode
Transmit mode
Table 20. Main Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com