Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 29Page - Micrel Semiconductor MICRF405YML Datasheet HTML 30Page - Micrel Semiconductor MICRF405YML Datasheet HTML 31Page - Micrel Semiconductor MICRF405YML Datasheet HTML 32Page - Micrel Semiconductor MICRF405YML Datasheet HTML 33Page - Micrel Semiconductor MICRF405YML Datasheet HTML 34Page - Micrel Semiconductor MICRF405YML Datasheet HTML 35Page - Micrel Semiconductor MICRF405YML Datasheet HTML 36Page - Micrel Semiconductor MICRF405YML Datasheet HTML 37Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Micrel
MICRF405
April 2006
33
M9999-041906
(408) 955-1690
Low Dropout Regulator (LDO) and Low Battery Detector
Adr
Data
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001011
LowBatt_en=1
Freq_Band1=0
Freq_Band0=1
VCO_freq2=0
VCO_freq1=1
VCO_freq0=1
Modulation1=1
Modulation0=0
0001100
LowBatt_level=0
LDO_by=0
LDO_en1=1
LDO_en0=1
MOD_LDc_en=0
PA_FEc_en=0
PA_LDc_en=0
LD_en=1
The MICRF405 has three internal LDOs powering
up different parts of the circuit, as can be seen in the
Block Diagram. The output voltages of the LDOs are
around 2.4V. The LDOs can be turned off (default
setting is on) by setting the LDO_en[1:0]=0.
When LDO_en[1:0]=3, the power supply range is
2.2-3.6 volt. Power must be applied to pin 1 and 11.
A capacitor is needed on each of the LDO output for
stability (pin 3, 9 and 23). In sleep mode, all the
LDOs are turned off. The interface and control
blocks run on unregulated power, meaning that the
register content will be kept and that the
programming can also be done in this mode.
An option, where the LDOs are bypassed, is
enabled by setting the LDO_by bit, and when
activated, the transmitter can operate at 2.2V-2.5V.
Since the LDO drop is decreased, the output power
is slightly higher. However, in this mode it is of vital
importance that the input power is below 2.5V as the
pass devices in the LDOs are fully on and not
regulated. It is recommended that this option is used
in combination with the low battery detector.
When LDO_en[1:0]=0, the power supply range is
2.2-2.5 volt. Power must be applied to pin 1, 3, 9, 11
and 23. Capacitors are now only needed for normal
noise decoupling. Alternatively, connect power to
pins 1 and 11 only, and set LDO[1:0]=3 and
LDO_by=0.
The LDOs are controlled with 2 bits, enabling the
option of running the complete circuit on the RF LDO
alone (LDO_en[1:0]=1), or on the RF LDO and
analog LDO (LDO_en[1:0]=2). Doing so, regulated
power on the RFVDD pin must be externally routed
to the AVDD and DVDD pin in the first case and,
and from the RFVDD to the DVDD pin in the second
case. These modes will save one or two of the
external capacitors used for stabilizing the LDOs,
but might influence the phase noise and spurious
performance. Recommended use is therefore,
LDO_en[1:0]=3 or 0.
The low battery detector circuit is turned on when
the LowBatt_en bit is set. It will monitor the voltage
of the input power, pin 11, in standby and TX
modes. If LDO_by=0, it will set the LowBatt interrupt
if the voltages falls below 2.1V for LowBatt_level=1
and 2.0V for LowBatt_level=0. If LDO_by=1, it sets
the interrupt when the voltages is below 1.9V/1.8V
for LowBatt_level=1/0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com