Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 40 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 40 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 36Page - Micrel Semiconductor MICRF405YML Datasheet HTML 37Page - Micrel Semiconductor MICRF405YML Datasheet HTML 38Page - Micrel Semiconductor MICRF405YML Datasheet HTML 39Page - Micrel Semiconductor MICRF405YML Datasheet HTML 40Page - Micrel Semiconductor MICRF405YML Datasheet HTML 41Page - Micrel Semiconductor MICRF405YML Datasheet HTML 42Page - Micrel Semiconductor MICRF405YML Datasheet HTML 43Page - Micrel Semiconductor MICRF405YML Datasheet HTML 44Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Micrel
MICRF405
April 2006
40
M9999-041906
(408) 955-1690
OutS2
OutS1
OutS0
The signals are available on the LD output
0
0
0
Gnd
0
0
1
N-div
0
1
0
M-div
0
1
1
ModOut
1
0
0
Bandgap
1
0
1
1
1
0
DVDD
1
1
1
TXSYMBOL – output of packet handling engine
Table 50. Test Signals. Only Available When LD_en=0.
PA_IB3
PA_IB2
State
0
0
PA uses bias current from PTAT bias source, external resistor (Pin 6)
0
1
PA uses bias current from CI bias source, external resistor (Pin 24)
1
0
PA uses bias current from internal bias source, PTAT
1
1
PA uses bias current from internal bias source, PTAT + CI
PA_IB1
PA_IB0
State
0
0
PA bias current setting, lowest bias current
0
1
PA bias current setting
1
0
PA bias current setting
1
1
PA bias current setting, highest bias current
PAB_IB3 PAB_IB2
State
0
0
PAbuffer uses bias current from PTAT bias source, external resistor (Pin 6)
0
1
PAbuffer uses bias current from CI bias source, external resistor (Pin 24)
1
0
PAbuffer uses bias current from internal bias source, PTAT
1
1
PAbuffer uses bias current from internal bias source, PTAT + CI
PAB_IB1 PAB_IB0
State
0
0
PAbuffer bias current setting, lowest bias current
0
1
PAbuffer bias current setting
1
0
PAbuffer bias current setting
1
1
PAbuffer bias current setting, highest bias current
Table 51. PA and PAbuffer Bias Current Setting.
LF_High_PM
LF_CAP1
LF_CAP0
C1
C2
Max. achievable Phase
Margin
X
0
0
5.4pF
1.8pF
57
°
0
0
1
10.8pF
3.6pF
57
°
0
1
0
21.6pF
7.2pF
57
°
0
1
1
32.4pF
10.8pF
57
°
1
0
1
10.8pF
1.8pF
69
°
1
1
0
21.6pF
3.6pF
69
°
1
1
1
32.4pF
5.4pF
69
°
Table 52. Loop Filter Capacitors Values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com