Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 26Page - Micrel Semiconductor MICRF405YML Datasheet HTML 27Page - Micrel Semiconductor MICRF405YML Datasheet HTML 28Page - Micrel Semiconductor MICRF405YML Datasheet HTML 29Page - Micrel Semiconductor MICRF405YML Datasheet HTML 30Page - Micrel Semiconductor MICRF405YML Datasheet HTML 31Page - Micrel Semiconductor MICRF405YML Datasheet HTML 32Page - Micrel Semiconductor MICRF405YML Datasheet HTML 33Page - Micrel Semiconductor MICRF405YML Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Micrel
MICRF405
April 2006
30
M9999-041906
(408) 955-1690
Bit Rate Settings
The bit rate is set separately for ASK and FSK
modulation to support ASK modulation with FSK
spreading. The FSK bit rate is set with the two
parameters FSKClk_K and FSKn. The relationship is
FSKn
XTAL
K
FSKClk
f
BR
+
⋅
=
3
2
_
(1)
where:
BR: Bit rate.
fXTAL: Crystal oscillator frequency.
FSKClk_K: Integer in the range [1..63] (6 bit).
FSKn: Integer in the range [0..5] (3 bit).
A procedure to find the settings for the desired bit
rate is described below:
1. Set FSKn to 0.
2. Calculate FSKClk_K by using this formula:
FSKn
XTAL
BR
f
K
FSKClk
+
⋅
=
3
2
_
3. If FSKClk_K is too high, increment FSKn by
one, and then jump to 2.
In some cases, several combinations of FSKClk_K
and FSKn will give the bit rate. If VCO modulation is
selected, Modulation[1:0] < 2, then the lower FSKn
the better shaping of the signal. However in some
cases, low FSKn causes the modulator to saturate
(Please see the section Modulator for details). When
Manchester encoding is enabled, Manchester_en=1,
FSKn needs to bigger than zero for the modulator to
operate properly.
When sending ASK with FSK spreading, FSKClk_K
and FSKn set the speed of the FSK spreading.
The bit rate of the ASK is set similar with the two
parameters ASKClk_K and ASKn. The relationship
is now:
ASKn
XTAL
K
ASKClk
f
BR
+
⋅
=
5
2
_
(2)
where the new parameters are:
ASKClk_K: Integer in the range [1..63] (6 bits).
ASKn: Integer in the range [0..3] (2 bits).
A procedure for finding a bit rate will be equal to
FSK, but with this formula:
ASKn
XTAL
BR
f
K
ASKClk
+
⋅
=
5
2
_
Due to the high flexibility of the modulator, a brief
explanation of how it works will ease the use of it.
Figure 15 shows a block diagram of the components
of the modulator.
Modulator
Adr
Data
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001110
Mod_I4=0
Mod_I3=1
Mod_I2=0
Mod_I1=0
Mod_I0=1
Mod_A2=0
Mod_A1=1
Mod_A0=1
0001111
VCO_Fr_Chk=0
VCO_Fr_Auto=0
FSKn2=1
FSKn1=0
FSKn0=0
Mod_F2=1
Mod_F1=0
Mod_F0=0
0010000
MOD_TEST1=0
Prescaler_Sel=0
FSKClk_K5=1
FSKClk_K4=1
FSKClk_K3=0
FSKClk_K2=1
FSKClk_K1=0
FSKClk_K0=0
Figure 15. Modulator Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com