Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 8Page - Micrel Semiconductor MICRF405YML Datasheet HTML 9Page - Micrel Semiconductor MICRF405YML Datasheet HTML 10Page - Micrel Semiconductor MICRF405YML Datasheet HTML 11Page - Micrel Semiconductor MICRF405YML Datasheet HTML 12Page - Micrel Semiconductor MICRF405YML Datasheet HTML 13Page - Micrel Semiconductor MICRF405YML Datasheet HTML 14Page - Micrel Semiconductor MICRF405YML Datasheet HTML 15Page - Micrel Semiconductor MICRF405YML Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Micrel
MICRF405
April 2006
12
M9999-041906
(408) 955-1690
Writing to n Registers having Non-Incremental
Addresses
Registers with non-incremental addresses can be
written to in one write-sequence as well. Example of
non-incremental addresses: “0,1,3”. However, this
requires more overhead, and the user should
consider the possibility to make a “continuous”
update, for example, by writing to “0,1,2,3” (writing
the present value of “2” into “2”). The simplest
firmware is achieved by always writing to all
registers. Refer to previous sections.
This write-sequence is divided into several sub-
parts:
• Disable the generation of load-signals by
clearing bit “load_en” (D0 in ControlRegister0)
• Repeat for each group of register having
incremental addresses:
-
Bring SEN active
-
Enter first address for this group, R/W bit and
values
-
Bring SEN inactive
• Finally, enable and make a load-signal by
setting “load_en”
Refer to the previous sections for how to write to 1 or
n (with incremental addresses) registers in the
MICRF405.
Reading from the Control Registers in MICRF405
The “read-sequence” is:
1. Enter address and R/W bit
2. Change direction of SIO line
3. Read out a number of octets and change SIO
direction back again.
It is possible to read all, 1 or n registers. The
address to read from (or the first address to read
from) can be any valid address (0-29). Reading is
not destructive, i.e., values are not changed. The
SIO line is output from the MICRF405 (input to user)
for a part of the read-sequence. Refer to procedure
description below.
A read-sequence is described for reading n
registers, where n is number 1-30.
SEN
SIO
SCK
Register address
Data read
from register
Internal load pulse
generated here
A6 A5 A4 A3 A2 A1 A0 R/W D7 D6D5 D4 D3 D2 D1 D0
SIO INPUT
SIO OUTPUT
SAMPLE TIME
Figure 4. Reading from a Control Register.
In Figure 4 above, 1 register is read. The address is
A6, A5, … A0. A6 = MSB. The data read out is D7,
D6, …D0. The value of the R/W bit is always “1” for
reading.
• Bring SEN low
• Enter address to read from (or the first address
to read from) (7 bits) and
• The R/W bit = 1 to enable reading
• Make the SIO line an input to the user (set pin in
tristate)
• Read n octets. The first rising edge of SLK will
set the SIO as an output from the MICRF405.
The 405 will change the SIO line at positive
edges of SCK. The user should read the SIO
line at the negative edges.
• Make the SIO line an output from the user again.
Reading from the Interrupt Register
If any of the interrupts, Vc_HI, Vc_LO or Low_Batt,
is set the SRV pin will go high. Read the interrupt
register, address 24, to see which interrupts are
flagged. It is possible to read this register at all
times, for instance, to read the tuned VCO_FREQ
setting which is also stored at the same address.
When rising SEN after haveing read the register, the
internal load pulse will then clear all interrupt flags.
To keep the flags when reading it, it is therefore
necessary to set LOAD_en=0 before hand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com