Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 10Page - Micrel Semiconductor MICRF405YML Datasheet HTML 11Page - Micrel Semiconductor MICRF405YML Datasheet HTML 12Page - Micrel Semiconductor MICRF405YML Datasheet HTML 13Page - Micrel Semiconductor MICRF405YML Datasheet HTML 14Page - Micrel Semiconductor MICRF405YML Datasheet HTML 15Page - Micrel Semiconductor MICRF405YML Datasheet HTML 16Page - Micrel Semiconductor MICRF405YML Datasheet HTML 17Page - Micrel Semiconductor MICRF405YML Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Micrel
MICRF405
April 2006
14
M9999-041906
(408) 955-1690
Preamble
SyncID
Frame length
Payload
CRC
1-4 bytes
1-4 bytes
1 byte
2/2/1-253/254/255 bytes
2/1/0 bytes
Table 7. Virtual Wire Packet Structure Overview.
SyncID_Len
SynchID_Len
Start of transmitted packet. Leftmost byte transmitted first
0
0
Preamble
SyncIDO
Frame length
0
1
Preamble
SyncIDO
SyncID1
Frame length
1
0
Preamble
SyncIDO
SyncID1
SyncID2
Frame length
1
1
Preamble
SyncIDO
SyncID1
SyncID2
SyncID3
Frame length
Table 8. Virtual Wire Packet Structure, SyncID field.
Packet Engine Overview:
• Preamble generated by packet engine: 1-4 bytes equal 10101010. Length set by Pream_Len[1:0]
• SyncID field added by packet engine: 1-4 bytes of user defined content. Length set by SyncID_Len[1:0].
Content set in registers SyncID0, SyncID1, SyncID2 and SyncID3, address 28-25.
• The frame length is entered by user for each packet. Specify the length of the payload and CRC fields in
bytes, ranging from 2 to (255 ÷ # CRC bytes). # CRC bytes can be 0 to 2.
• For each payload byte, wait for falling edge of RDY before writing the byte into the DATA register.
• The optional CRC field ends the packet. Its length is programmable 0, 1 or 2 bytes by the Sel_CRC[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com