Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 5Page - Micrel Semiconductor MICRF405YML Datasheet HTML 6Page - Micrel Semiconductor MICRF405YML Datasheet HTML 7Page - Micrel Semiconductor MICRF405YML Datasheet HTML 8Page - Micrel Semiconductor MICRF405YML Datasheet HTML 9Page - Micrel Semiconductor MICRF405YML Datasheet HTML 10Page - Micrel Semiconductor MICRF405YML Datasheet HTML 11Page - Micrel Semiconductor MICRF405YML Datasheet HTML 12Page - Micrel Semiconductor MICRF405YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Micrel
MICRF405
April 2006
9
M9999-041906
(408) 955-1690
Writing to the Control Registers in MICRF405
Writing: A number of octets are entered into
MICRF405 followed by a load-signal to activate the
new setting. Making these events is referred to as a
“write sequence.” It is possible to update all, 1, or n
control registers in a write sequence. The address to
write to (or the first address to write to) can be any
valid address (0-29). The SIO line is always an input
to the MICRF405 (output from user) when writing.
What to write:
• The address of the control register to write to (or
if more than 1 control register should be written
to, the address of the 1st control register to write
to).
• A bit to enable reading or writing of the control
registers. This bit is called the R/W bit.
• The values to write into the control register(s).
Field
Comments
Address:
A 7-bit field, ranging from 0 to 29. MSB is written first.
R/W bit:
A 1-bit field, = “0” for writing
Values:
A number of octets (1-30 octets). MSB in every octet is written first. The first octet is written to the control
register with the specified address (=”Address”). The next octet (if there is one) is written to the control
register with address = “Address + 1” and so on.
Table 3. Writing to the Control Registers.
How to write:
Bring SEN low to start a write sequence. The active
state of the SEN line is “low”. Use the SCK/SIO
serial interface to clock in “Address” and “R/W” bit
and “Values” into the MICRF405. MICRF405 will
sample the SIO line at negative edges of SCK. Make
sure to change the state of the SIO line before the
negative edge, for instance on positive edge. Refer
to Figure 2.
Bring SEN inactive to make an internal load-signal
and complete the write-sequence. Note: there is an
exception to this point. If the programming bit called
“load_en” (D0 in ControlRegister0) is “0”, then no
load pulse is generated.
The two different ways to “program the chip”
are:
• Write to a number of control registers (0-29)
when the registers have incremental addresses
(write to 1, all or n registers)
• Write to a number of control registers when the
registers have non-incremental addresses.
Writing to a Single Register
Writing to a control register with address “A6, A5,
…A0” is described here. During operation, writing to
1 register is sufficient to change the way the
transmitter works. Typical example: Change from
transmit mode to power-down.
Field
Comments
Address:
7 bit = A6, A5, …A0 (A6 = MSB. A0 = LSB)
R/W bit:
“0” for writing
Values:
8 bits = D7, D6, …D0 (D7 = MSB, D0 = LSB)
Table 4. When writing to a Single Register, totally 2 octets are clocked into the MICRF405.
How to write:
• Bring SEN low
• Use SCK and SIO to clock in the 2 octets
• Bring SEN high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com