Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 19Page - Micrel Semiconductor MICRF405YML Datasheet HTML 20Page - Micrel Semiconductor MICRF405YML Datasheet HTML 21Page - Micrel Semiconductor MICRF405YML Datasheet HTML 22Page - Micrel Semiconductor MICRF405YML Datasheet HTML 23Page - Micrel Semiconductor MICRF405YML Datasheet HTML 24Page - Micrel Semiconductor MICRF405YML Datasheet HTML 25Page - Micrel Semiconductor MICRF405YML Datasheet HTML 26Page - Micrel Semiconductor MICRF405YML Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Micrel
MICRF405
April 2006
23
M9999-041906
(408) 955-1690
VCO_Fr_Chk
Comments
0
VCO control voltage is not controlled
1
VCO control voltage is measured; if it is below 0.35V the VC_LO interrupt flag is set, if it is higher than
AVDD-0.35V the VC_HI flag is set
Table 13. VCO Control Voltage Out of Range Detection.
VCO_Fr_Auto
Comments
0
No calibration is done.
1
If VCO control voltage is below 0.35V or above AVDD-0.35V, the VCO frequency settings are altered until
the control voltage is within the window. No VC_LO or VC_HI interrupt flag is set. The new settings can be
read out; bits VCO_Freq_O[2:0] in interrupt register.
If PLL for some reason cannot obtain lock (i.e. if frequency is set wrongly), an interrupt will be given even
if VCO_Fr_Chk = 0.
Table 14. Automatic VCO Range Calibration.
VCO Tuning Range for Various VCO_Freq Settings
800.0
850.0
900.0
950.0
1000.0
1050.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
Varactor Voltage [V]
7
6
5
4
3
2
1
0
Figure 10. RF Frequency vs. Varactor Voltage and VCO Frequency Bit.
VCO_freq
FreqBand=0
315MHz
FreqBand=1
433MHz
FreqBand=2 or 3
868, 915MHz
1
287
290
430
435
860
870
2
290
293
435
440
870
880
3
293
300
440
450
880
900
4
300
307
450
460
900
920
5
307
313
460
470
920
940
6
313
320
470
480
940
960
7
320
326
480
490
960
980
Table 15. Freq Ranges vs. VCO_freq and FreqBand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com