Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF405YML Datasheet(PDF) 37 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 37 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 33Page - Micrel Semiconductor MICRF405YML Datasheet HTML 34Page - Micrel Semiconductor MICRF405YML Datasheet HTML 35Page - Micrel Semiconductor MICRF405YML Datasheet HTML 36Page - Micrel Semiconductor MICRF405YML Datasheet HTML 37Page - Micrel Semiconductor MICRF405YML Datasheet HTML 38Page - Micrel Semiconductor MICRF405YML Datasheet HTML 39Page - Micrel Semiconductor MICRF405YML Datasheet HTML 40Page - Micrel Semiconductor MICRF405YML Datasheet HTML 41Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Micrel
MICRF405
April 2006
37
M9999-041906
(408) 955-1690
LDO_by
LDO_EN1
LDO_EN0
Comments
X
0
0
LDOs turned off, power applied to AVDD, DVDD, RFVDD, min/max is 2.0/2.5 V, and
to VDD pin 11 and 1, min/max is 2.0/3.6V.
1
X
X
LDOs bypassed, power applied to the VDD pin1 and VDD pin11, min/max is 2.0/2.5 V
0
0
1
PA LDO turned on, power applied to VDD pin1 and 11, min/max is 2.0/3.6V, and to
AVDD and DVDD, min/max is 2.0/2.5V
0
1
0
PA and AVDD LDO turned on, power applied to the VDD pin1 and 11, min/max is
2.0/3.6V, and to DVDD, min/max is 2.0/2.5V
0
1
1
PA, AVDD and DIG LDO turned on, power applied to the VDD pin1 and VDD pin 11,
min/max is 2.0/3.6V
Table 30. Low DropOut Voltage Regulator.
PA_LDc_en
Comments
0
PA is only controlled by Mode1 and Mode and PA0-2, PA on in transmit mode (Mode[1:0]=3 and PA[2:0]>0)
1
In transmit mode, PA is turned on by Lock Detect (LD=1 -> PA on). PA is turned off by load pulse or when
using openloop modulation and setting the DATAIN pin in tri-state. PA will be turned on again once LD goes
high again. LD_en must be set to 1.
Table 31. Lock Detect Controlled PA.
MOD_LDc_en
Comments
0
Modulation starts once frame length is written into data byte.
1
Modulation starts once frame length is written into data byte and PA is turned on and LD is high.
Table 32. Lock Detect Controlled Start of Modulation (only for BIT_IO_en=0).
PA_FEc_en
Comments
0
PA is turned off by Mode1 and Mode0 or PA0-2 and PA_LDc_en=0
1
PA is turned off immediately after the frame is transmitted.
Table 33. Frameend Controlled PA.
LD_en
State
Comments
0
LD off
Output is 0 volt, or test signals specified by OUTS[2:0]
1
LD on
LD pin high indicate that the PLL is locked
Table 34. Lock Detector.
SyncID_Len1
SyncID_Len0
Comments
0
0
SyncID length is 1 byte. SyncID0 is sent
0
1
SyncID length is 2 bytes. SyncID0 and SyncID1 is sent
1
0
SyncID length is 3 bytes. SyncID0, SyncID1 and SyncID2 is sent
1
1
SyncID length is 4 bytes. SyncID0, SyncID1, SyncID2 and SyncID3 is sent.
Table 35. SyncID Field Length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com