| Electronic Components Datasheet Search |
|
CS47L63 Datasheet(PDF) 47 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Datasheet(HTML) 47 Page - Cirrus Logic |
|
47 / 300 page ![]() DS1085F3 47 CS47L35 4.3 Digital Core Figure 4-15. Digital-Core SLIMbus Outputs 4.3.4 Five-Band Parametric Equalizer (EQ) The digital core provides four EQ processing blocks as shown in Fig. 4-16. A four-input mixer is associated with each EQ. The four input sources are selectable in each case, and independent volume control is provided for each path. Each EQ block supports one output. The EQ provides selective control of five frequency bands as follows: • The low-frequency band (Band 1) filter can be configured as a peak filter or as a shelving filter. If configured as a shelving filter, it provides adjustable gain below the Band 1 cut-off frequency. As a peak filter, it provides adjustable gain within a defined frequency band that is centered on the Band 1 frequency. • The midfrequency bands (Band 2–Band 4) filters are peak filters that provide adjustable gain around the respective center frequency. • The high-frequency band (Band 5) filter is a shelving filter that provides adjustable gain above the Band 5 cut-off frequency. Figure 4-16. Digital-Core EQ Blocks The EQ1–EQ4 mixer control fields (see Fig. 4-16) are located at register addresses R2176–R2207 (0x0880–0x089F). The full list of digital-mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are provided in Table 4-7. The x_SRCn fields select the input sources for the respective EQ processing blocks. Note that the selected input sources must be configured for the same sample rate as the EQ to which they are connected. Sample-rate conversion functions are available to support flexible interconnectivity; see Section 4.3.14. SLIMTXnMIX_SRC1 SLIMTXnMIX_SRC3 SLIMTXnMIX_SRC4 SLIMTXnMIX_SRC2 SLIMbus TXn SLIMTXnMIX_VOL2 SLIMTXnMIX_VOL3 SLIMTXnMIX_VOL4 SLIMTXnMIX_VOL1 + … … … … CS47L35 supports six SLIMbus output mixers, i.e., n = 1–6 EQnMIX_VOL2 EQnMIX_VOL3 EQnMIX_VOL4 EQnMIX_VOL1 EQnMIX_SRC1 EQnMIX_SRC3 EQnMIX_SRC4 EQnMIX_SRC2 EQ1 (0x50) EQ2 (0x51) EQ3 (0x52) EQ4 (0x53) Five-band equalizer + EQ … … … … CS47L35 supports four EQ blocks, i.e., n = 1–4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |