| Electronic Components Datasheet Search |
|
CS47L63 Datasheet(PDF) 59 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Datasheet(HTML) 59 Page - Cirrus Logic |
|
59 / 300 page ![]() DS1085F3 59 CS47L35 4.3 Digital Core 4.3.6 Low-/High-Pass Digital Filter (LHPF) The digital core provides four LHPF processing blocks as shown in Fig. 4-19. A four-input mixer is associated with each filter. The four input sources are selectable in each case, and independent volume control is provided for each path. Each LHPF block supports one output. The LHPF /HPF can be used to remove unwanted out-of-band noise from a signal path. Each filter can be configured either as a low-pass filter (LPF) or a high-pass filter (HPF). Figure 4-19. Digital-Core LPF/HPF Blocks The LHPF1–LHPF4 mixer control fields, shown in Fig. 4-19, are located at register addresses R2304–R2335 (0x0900–0x091F). The full list of digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are provided in Table 4-7. The x_SRCn fields select the input sources for the respective LHPF processing blocks. Note that the selected input sources must be configured for the same sample rate as the LHPF to which they are connected. Sample-rate conversion functions are available to support flexible interconnectivity; see Section 4.3.14. The hexadecimal numbers in Fig. 4-19 indicate the corresponding x_SRCn setting for selection of that signal as an input to another digital-core function. The LHPF blocks should be kept disabled (LHPFn_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for all digital core functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting other values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring SYSCLK while digital core functions are enabled). The sample rate for the LHPF function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF functions must all be configured for the same sample rate. Sample-rate conversion is required when routing the LHPF signal paths to any signal chain that is configured for a different sample rate. The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields must be cleared before writing a new value to FX_RATE. A minimum delay of 125 s must be allowed between clearing the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details. The control registers associated with the LHPF functions are described in Table 4-15. The cut-off frequencies for the LHPF blocks are set using the coefficients held in registers R3777, R3781, R3785, and R3789 for LHPF1, LHPF2, LHPF3 and LHPF4 respectively. These coefficients are derived using tools provided in Cirrus Logic’s WISCE evaluation board control software; please contact your Cirrus Logic representative for details. LHPFnMIX_SRC1 LHPFnMIX_SRC3 LHPFnMIX_SRC4 LHPFnMIX_SRC2 LHPF1 (0x60) LHPF2 (0x61) LHPF3 (0x62) LHPF4 (0x63) Low-Pass filter (LPF) / High-Pass filter (HPF) LHPFnMIX_VOL2 LHPFnMIX_VOL3 LHPFnMIX_VOL4 LHPFnMIX_VOL1 + LHPF … … … … CS47L35 supports four LHPF blocks, i.e., n = 1–4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |