Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L63 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 51Page - Cirrus Logic CS47L63 Datasheet HTML 52Page - Cirrus Logic CS47L63 Datasheet HTML 53Page - Cirrus Logic CS47L63 Datasheet HTML 54Page - Cirrus Logic CS47L63 Datasheet HTML 55Page - Cirrus Logic CS47L63 Datasheet HTML 56Page - Cirrus Logic CS47L63 Datasheet HTML 57Page - Cirrus Logic CS47L63 Datasheet HTML 58Page - Cirrus Logic CS47L63 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 300 page
background image
DS1085F3
55
CS47L35
4.3 Digital Core
The DRC signal-detect function is enabled by setting DRCn_SIG_DET. Note that the respective DRCn must also be
enabled. The detection threshold is either a peak level (crest factor) or an RMS level, depending on DRCn_SIG_DET_
MODE. When peak level is selected, the threshold is determined by DRCn_SIG_DET_PK, which defines the applicable
crest factor (peak-to-RMS ratio) threshold. If RMS level is selected, the threshold is set using DRCn_SIG_DET_RMS.
The DRC signal-detect function is an input to the interrupt control circuit and can be used to trigger an interrupt event; see
Section 4.15.
The control-write sequencer can be triggered by the DRC1 signal-detect function. This is enabled by setting DRC1_
WSEQ_SIG_DET_ENA. See Section 4.18.
Note that signal detection is supported on DRC1 and DRC2, but the triggering of the control-write sequencer is available
on DRC1 only.
4.3.5.7 DRC Register Controls
The DRC1 control registers are described in Table 4-13.
Table 4-13. DRC1 Control Registers
Register Address
Bit
Label
Default
Description
R3585 (0x0E01)
FX_Ctrl2
15:4 FX_STS[11:0]
0x00 LHPF, DRC, EQ enable status. Indicates the status of each of the respective
signal-processing functions. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
R3712 (0x0E80)
DRC1_ctrl1
15:11 DRC1_SIG_
DET_RMS[4:0]
0x00 DRC1 Signal-Detect RMS Threshold. RMS signal level for signal-detect to be indicated
when DRC1_SIG_DET_MODE = 1.
0x00 = –30 dB
0x01 = –31.5 dB
…. (1.5-dB steps)
0x1E = –75 dB
0x1F = –76.5 dB
10:9 DRC1_SIG_
DET_PK[1:0]
00
DRC1 Signal-Detect Peak Threshold. This is the Peak/RMS ratio, or Crest Factor, level
for signal-detect to be indicated when DRC1_SIG_DET_MODE = 0.
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 30 dB
8
DRC1_NG_ENA
0
DRC1 Noise-Gate Enable
0 = Disabled
1 = Enabled
7
DRC1_SIG_
DET_MODE
0
DRC1 Signal-Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
DRC1_SIG_DET
0
DRC1 Signal-Detect Enable
0 = Disabled
1 = Enabled
5
DRC1_KNEE2_
OP_ENA
0
DRC1 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
DRC1_QR
1
DRC1 Quick-release Enable
0 = Disabled
1 = Enabled
3
DRC1_ANTICLIP
1
DRC1 Anticlip Enable
0 = Disabled
1 = Enabled
2
DRC1_WSEQ_
SIG_DET_ENA
0
DRC1 Signal-Detect Write Sequencer Select
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com