Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L63 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 73Page - Cirrus Logic CS47L63 Datasheet HTML 74Page - Cirrus Logic CS47L63 Datasheet HTML 75Page - Cirrus Logic CS47L63 Datasheet HTML 76Page - Cirrus Logic CS47L63 Datasheet HTML 77Page - Cirrus Logic CS47L63 Datasheet HTML 78Page - Cirrus Logic CS47L63 Datasheet HTML 79Page - Cirrus Logic CS47L63 Datasheet HTML 80Page - Cirrus Logic CS47L63 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 300 page
background image
DS1085F3
77
CS47L35
4.4 DSP Firmware Control
4.4 DSP Firmware Control
The CS47L35 digital core incorporates three DSP processing blocks, capable of running a wide range of
audio-enhancement functions. Different firmware configurations can be loaded onto each DSP, enabling the CS47L35 to
be highly customized for specific application requirements. Full read/write access to the device register map is supported
from each DSP core, including access to the firmware registers of the other DSPs. Synchronization of different DSPs is
supported, and shared data memory space is provided for the DSP2 and DSP3 blocks; these features enable enhanced
processing capabilities for the associated DSPs.
Examples of the DSP functions include multiband compressor (MBC), and the SoundClear™ suite of audio processing
algorithms. Note that it is possible to implement more than one type of audio enhancement function on a single DSP; the
precise combinations of functions vary from one firmware configuration to another.
The DSP blocks each employ the same internal architecture and provide an equivalent processing capability. Note that
the DSPs differ in terms of the firmware memory sizes associated with each. The DSPs can be clocked at up to 150MHz,
corresponding to 150 MIPS each.
R3828 (0x0EF4)
ISRC2_CTRL_2
14:11 ISRC2_FSL[3:0]
0000
ISRC2 Low Sample Rate (Sets the lower of the ISRC2 sample rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8 kHz to 192 kHz.
All ISRC2_INTn_SRC fields must be cleared before changing ISRC2_FSL.
R3829 (0x0EF5)
ISRC2_CTRL_3
15
ISRC2_INT1_ENA
0
ISRC2 INT1 Enable (Interpolation Channel 1 path from ISRC2_FSL rate to
ISRC2_FSH rate)
0 = Disabled
1 = Enabled
14
ISRC2_INT2_ENA
0
ISRC2 INT2 Enable (Interpolation Channel 2 path from ISRC2_FSL rate to
ISRC2_FSH rate)
0 = Disabled
1 = Enabled
13
ISRC2_INT3_ENA
0
ISRC2 INT3 Enable (Interpolation Channel 3 path from ISRC2_FSL rate to
ISRC2_FSH rate)
0 = Disabled
1 = Enabled
12
ISRC2_INT4_ENA
0
ISRC2 INT4 Enable (Interpolation Channel 4 path from ISRC2_FSL rate to
ISRC2_FSH rate)
0 = Disabled
1 = Enabled
9
ISRC2_DEC1_
ENA
0
ISRC2 DEC1 Enable (Decimation Channel 1 path from ISRC2_FSH rate to
ISRC2_FSL rate)
0 = Disabled
1 = Enabled
8
ISRC2_DEC2_
ENA
0
ISRC2 DEC2 Enable (Decimation Channel 2 path from ISRC2_FSH rate to
ISRC2_FSL rate)
0 = Disabled
1 = Enabled
7
ISRC2_DEC3_
ENA
0
ISRC2 DEC3 Enable (Decimation Channel 3 path from ISRC2_FSH rate to
ISRC2_FSL rate)
0 = Disabled
1 = Enabled
6
ISRC2_DEC4_
ENA
0
ISRC2 DEC4 Enable (Decimation Channel 4 path from ISRC2_FSH rate to
ISRC2_FSL rate)
0 = Disabled
1 = Enabled
Table 4-22. Digital-Core ISRC Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com