Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L63 Datasheet(PDF) 96 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 96 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 92Page - Cirrus Logic CS47L63 Datasheet HTML 93Page - Cirrus Logic CS47L63 Datasheet HTML 94Page - Cirrus Logic CS47L63 Datasheet HTML 95Page - Cirrus Logic CS47L63 Datasheet HTML 96Page - Cirrus Logic CS47L63 Datasheet HTML 97Page - Cirrus Logic CS47L63 Datasheet HTML 98Page - Cirrus Logic CS47L63 Datasheet HTML 99Page - Cirrus Logic CS47L63 Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 300 page
background image
96
DS1085F3
CS47L35
4.5 DSP Peripheral Control
Base address +0x0E
EVENTLOGn_FIFO_
POINTER1
18
EVENTLOGn_FULL
0
Event Log FIFO Full Status. This bit, when set, indicates that
the FIFO buffer is full. It is cleared when a new value is written
to the FIFO read pointer, or when the event log is Reset.
17
EVENTLOGn_WMARK_STS
0
Event Log FIFO Watermark Status. This bit, when set, indicates
that the FIFO space available for new events to be logged is
less than or equal to the watermark threshold.
16
EVENTLOGn_NOT_EMPTY
0
Event Log FIFO Not Empty Status. This bit, when set, indicates
one or more new sets of logged event data in the FIFO.
11:8 EVENTLOGn_FIFO_
WPTR[3:0]
0x0
Event Log FIFO Write Pointer. Indicates the FIFO index
location in which the next event is logged.
This is a read-only field.
3:0 EVENTLOGn_FIFO_
RPTR[3:0]
0x0
Event Log FIFO Read Pointer. Indicates the FIFO index
location of the first set of unread data, if any exists. For the
intended FIFO behavior, this field must be incremented after
the respective data has been read.
Base address +0x20
EVENTLOGn_CH_ENABLE
15
EVENTLOGn_CH16_ENA
0
Event Log Channel 16 Enable
0 = Disabled, 1 = Enabled
14
EVENTLOGn_CH15_ENA
0
Event Log Channel 15 Enable
0 = Disabled, 1 = Enabled
13
EVENTLOGn_CH14_ENA
0
Event Log Channel 14 Enable
0 = Disabled, 1 = Enabled
12
EVENTLOGn_CH13_ENA
0
Event Log Channel 13 Enable
0 = Disabled, 1 = Enabled
11
EVENTLOGn_CH12_ENA
0
Event Log Channel 12 Enable
0 = Disabled, 1 = Enabled
10
EVENTLOGn_CH11_ENA
0
Event Log Channel 11 Enable
0 = Disabled, 1 = Enabled
9EVENTLOGn_CH10_ENA
0
Event Log Channel 10 Enable
0 = Disabled, 1 = Enabled
8EVENTLOGn_CH9_ENA
0
Event Log Channel 9 Enable
0 = Disabled, 1 = Enabled
7EVENTLOGn_CH8_ENA
0
Event Log Channel 8 Enable
0 = Disabled, 1 = Enabled
6EVENTLOGn_CH7_ENA
0
Event Log Channel 7 Enable
0 = Disabled, 1 = Enabled
5EVENTLOGn_CH6_ENA
0
Event Log Channel 6 Enable
0 = Disabled, 1 = Enabled
4EVENTLOGn_CH5_ENA
0
Event Log Channel 5 Enable
0 = Disabled, 1 = Enabled
3EVENTLOGn_CH4_ENA
0
Event Log Channel 4 Enable
0 = Disabled, 1 = Enabled
2EVENTLOGn_CH3_ENA
0
Event Log Channel 3 Enable
0 = Disabled, 1 = Enabled
1EVENTLOGn_CH2_ENA
0
Event Log Channel 2 Enable
0 = Disabled, 1 = Enabled
0EVENTLOGn_CH1_ENA
0
Event Log Channel 1 Enable
0 = Disabled, 1 = Enabled
Base address +0x40
EVENTLOGn_CH1_DEFINE
15
EVENTLOGn_CH1_DB
0
Event Log Channel 1 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH1_POL
0
Event Log Channel 1 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH1_SEL[8:0]
0x000 Event Log Channel 1 source 1
Note that channel must be disabled when updating this field
Table 4-31. Event Logger (EVENTLOGn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com