| Electronic Components Datasheet Search |
|
CS47L63 Datasheet(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Datasheet(HTML) 31 Page - Cirrus Logic |
|
31 / 300 page ![]() DS1085F3 31 CS47L35 4.2 Input Signal Path For single-ended input, the microphone signal is connected to the noninverting input of the PGAs (INnLP or INnRP). The inverting inputs of the PGAs are connected to an internal reference in this configuration. For differential input, the noninverted microphone signal is connected to the noninverting input of the PGAs (INnLP or INnRP), while the inverted (or noisy ground) signal is connected to the inverting input pins (INnLN or INnRN). Note: Pseudodifferential connection is also possible—this is similar to the configuration shown in Fig. 4-4, but the GND connection is directly to the microphone (and INnxN capacitor), instead of via a resistor. This is the recommended configuration if the external accessory detection functions on the CS47L35 are used. The INnx_SRC field settings are the same for pseudodifferential connection as for differential. The gain of the input PGAs is controlled via register settings, as defined in Section 4.2.6. Note that the input impedance of the analog input paths is fixed across all PGA gain settings. The ECM analog input configurations are shown in Fig. 4-3 and Fig. 4-4. The integrated MICBIAS generators provide a low noise reference for biasing the ECMs. Analog MEMS microphones can be connected to the CS47L35 in a similar manner to the ECM configurations. Typical configurations are shown in Fig. 4-5 and Fig. 4-6. In this configuration, the integrated MICBIAS generators provide a low-noise power supply for the microphones. Note: The MICVDD pin can also be used (instead of MICBIAS) as a reference or power supply for external microphones. The MICBIAS outputs are recommended, because they offer better noise performance and independent enable/ disable control. 4.2.2 Analog Line Input Line inputs can be connected to the CS47L35 in a similar manner to the mic inputs. Single-ended and differential modes are supported on each analog input path. The mode is selected using INnx_SRC, as described in Section 4.2.6. Figure 4-3. Single-Ended ECM Input Figure 4-4. Differential ECM Input Figure 4-5. Single-Ended MEMS Input Figure 4-6. Differential MEMS Input To ADC VREF IN1xN, IN2xN IN1xP, IN2xP ECM GND MICBIAS PGA + – To ADC VREF IN1xN, IN2xN IN1xP, IN2xP ECM GND MICBIAS PGA + – To ADC VREF IN1xN, IN2xN IN1xP, IN2xP MEMS Mic MICBIAS VDD OUT GND GND PGA + – MEMS Mic To ADC VREF IN1xN, IN2xN IN1xP, IN2xP MICBIAS VDD OUT-P GND GND OUT-N PGA + – |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |