Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L63 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 64Page - Cirrus Logic CS47L63 Datasheet HTML 65Page - Cirrus Logic CS47L63 Datasheet HTML 66Page - Cirrus Logic CS47L63 Datasheet HTML 67Page - Cirrus Logic CS47L63 Datasheet HTML 68Page - Cirrus Logic CS47L63 Datasheet HTML 69Page - Cirrus Logic CS47L63 Datasheet HTML 70Page - Cirrus Logic CS47L63 Datasheet HTML 71Page - Cirrus Logic CS47L63 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 300 page
background image
68
DS1085F3
CS47L35
4.3 Digital Core
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal-processing functions within
the CS47L35 digital core.
Figure 4-25. Digital-Core PWM Generator
The PWM1 and PWM2 mixer control fields (see Fig. 4-25) are located at register addresses R1600–R1615
(0x0640–0x064F).
The full list of digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are
provided in Table 4-7.
The x_SRCn fields select the input sources for the respective mixers. Note that the selected input sources must be
configured for the same sample rate as the mixer to which they are connected. Sample-rate conversion functions are
available to support flexible interconnectivity; see Section 4.3.14.
The PWM generators should be kept disabled (PWMn_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for all
digital core functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before
selecting other values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring
SYSCLK while digital core functions are enabled).
The PWM sample rate (cycle time) is configured using PWM_RATE. See Table 4-21. Note that sample-rate conversion is
required when linking the PWM generators to any signal chain that is configured for a different sample rate.
The PWM_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn
fields must be cleared before writing a new value to PWM_RATE. A minimum delay of 125
s must be allowed between
clearing the x_SRCn fields and writing to PWM_RATE. See Table 4-21 for details.
The PWM generators are enabled by setting PWM1_ENA and PWM2_ENA, respectively, as described in Table 4-20.
Under default conditions (PWMn_OVD = 0), the duty cycle of the PWM generators is controlled by an audio signal path;
a 4-input mixer is associated with each PWM generator, as shown in Fig. 4-25.
PWM1MIX_VOL2
PWM1MIX_VOL3
PWM1MIX_VOL4
PWM1MIX_VOL1
GPIO
(GPn_FN = 0x048)
PWM1
PWM1_ENA
PWM1_OVD
PWM1_LVL
PWM2MIX_VOL2
PWM2MIX_VOL3
PWM2MIX_VOL4
PWM2MIX_VOL1
GPIO
(GPn_FN = 0x049)
PWM2
PWM2_ENA
PWM2_OVD
PWM2_LVL
PWM_RATE
PWM_CLK_SEL
When PWMn_OVD = 0, the PWM duty cycle is controlled by the respective digital audio mixer .
When PWMn_OVD = 1, the PWM duty cycle is set by PWMn _LVL.
PWM sample rate and clocking frequency are selected using PWM _RATE and PWM_CLK_SEL.
+
+
PWM1MIX_SRC1
PWM1MIX_SRC3
PWM1MIX_SRC4
PWM1MIX_SRC2
PWM2MIX_SRC1
PWM2MIX_SRC3
PWM2MIX_SRC4
PWM2MIX_SRC2
…
…
…
…
…
…
…
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com