Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L63 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 5Page - Cirrus Logic CS47L63 Datasheet HTML 6Page - Cirrus Logic CS47L63 Datasheet HTML 7Page - Cirrus Logic CS47L63 Datasheet HTML 8Page - Cirrus Logic CS47L63 Datasheet HTML 9Page - Cirrus Logic CS47L63 Datasheet HTML 10Page - Cirrus Logic CS47L63 Datasheet HTML 11Page - Cirrus Logic CS47L63 Datasheet HTML 12Page - Cirrus Logic CS47L63 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 300 page
background image
9
DS1085F3
CS47L35
2 Typical Connection Diagram
2 Typical Connection Diagram
Figure 2-1. Typical Connection Diagram
IN2LP
IN2LN/DMICCLK2
IN2RP
IN2RN/DMICDAT2
1
F
Analog and Digital Inputs
MCLK1
MCLK2
Master Clocks
AIF1RXDAT
AIF1LRCLK
AIF1BCLK
AIF1TXDAT
Audio Interface 1
AIF2RXDAT
AIF2LRCLK
AIF2BCLK
AIF2TXDAT
Audio Interface 2
Audio Interface 3
AIF3RXDAT
AIF3LRCLK
AIF3BCLK
AIF3TXDAT
RESET
Reset Control
1
F
DMIC
CLK
DAT
CLK
DAT
VDD
CHAN
MICBIAS2A
DMIC
GND
VDD
CHAN
GND
MICBIAS2A
MICBIAS1B
MICBIAS2B
MICVDD
Bias/Supplies for
Microphones and External
Accessory Detection
Differential
Microphone
Connection
Single-Ended
Line
Connection
Stereo Digital
Microphone
Connection
4.7
F
IRQ
Interrupt Output
SLIMDAT
SLIMCLK
SLIMbus Interface
Digital Speaker
(PDM) interface
SPKCLK
SPKDAT
GPSWP
GPSWN
MICBIAS1A
Control Interface 1
MIF1SCLK
MIF1SDA
Accessory Control
Master I2C Interfaces
IN1ALP
IN1ARN/DMICDAT1
IN1ARP
IN1ALN/DMICCLK1
1
F
MICDET1/HPOUTFB2
1
F
2.2 k
2.2 k
MICBIAS1A
IN1BLN
IN1BLP
CP1C1A
CP1C1B
2.2
F
Control Interface 2
VREFC
2.2
F
CIF1MISO
CIF1SS
CIF1SCLK
CIF1MOSI
CIF2SDA
CIF2SCLK
CP2CA
CP2VOUT
CP2CB
470 nF
4.7
F
CP1C2A
CP1VOUT2N
CP1VOUT2P
CP1C2B
2.2
F
4.7
F
4.7
F
CP1VOUT1N
CP1VOUT1P
4.7
F
4.7
F
SPKOUTN
SPKOUTP
Loudspeaker
HPOUTR
HPOUTFB1/MICDET2
HPOUTL
Headphone
(Note: HPOUTFB ground
connection close to headset jack )
HPDETL
HPDETR
JACKDET1
Jack Detect Inputs
EPOUTP
EPOUTN
Earpiece
Speaker
JACKDET2
IN1BRN
IN1BRP
1.2 V
CPVDD2
FLLVDD
DCVDD
2 x 4.7
F1.0 F
4.7
F
4.2 V
SPKVDD
CPVDD1
DBVDD1
DBVDD2
2 x 1.0
F
AVDD1
AVDD2
2 x 0.1
F
4.7
F
1.8 V
4.7
CS47L35
The CS47L35 supports up to 16 GPIO pins.
These are shared with the primary functions shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com