| Electronic Components Datasheet Search |
|
CS47L63 Datasheet(PDF) 51 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Datasheet(HTML) 51 Page - Cirrus Logic |
|
51 / 300 page ![]() DS1085F3 51 CS47L35 4.3 Digital Core Figure 4-17. Dynamic Range Control (DRC) Block The DRC1 and DRC2 mixer control fields (see Fig. 4-17) are located at register addresses R2240–R2271 (0x08C0–0x08DF). The full list of digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are provided in Table 4-7. The x_SRCn fields select the input sources for the respective DRC processing blocks. Note that the selected input sources must be configured for the same sample rate as the DRC to which they are connected. Sample-rate conversion functions are available to support flexible interconnectivity; see Section 4.3.14. The hexadecimal numbers in Fig. 4-17 indicate the corresponding x_SRCn setting for selection of that signal as an input to another digital-core function. The DRC blocks should be kept disabled (DRCnx_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for all digital core functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting other values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring SYSCLK while digital core functions are enabled). The sample rate for the DRC function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF functions must all be configured for the same sample rate. Sample-rate conversion is required when routing the DRC signal paths to any signal chain that is configured for a different sample rate. The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields must be cleared before writing a new value to FX_RATE. A minimum delay of 125 s must be allowed between clearing the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details. The DRC functions are enabled using the control registers described in Table 4-11. DRCnLMIX_VOL2 DRCnLMIX_VOL3 DRCnLMIX_VOL4 DRCnLMIX_VOL1 DRCnLMIX_SRC1 DRCnLMIX_SRC3 DRCnLMIX_SRC4 DRCnLMIX_SRC2 DRC1 Left (0x58) DRC2 Left (0x5A) Dynamic Range Controller DRCnRMIX_VOL2 DRCnRMIX_VOL3 DRCnRMIX_VOL4 DRCnRMIX_VOL1 DRCnRMIX_SRC1 DRCnRMIX_SRC3 DRCnRMIX_SRC4 DRCnRMIX_SRC2 DRC1 Right (0x59) DRC2 Right (0x5B) Dynamic Range Controller + + DRC DRC … … … … … … … … CS47L35 supports two stereo DRC blocks, i.e., n = 1 or 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |