| Electronic Components Datasheet Search |
|
CS47L63 Datasheet(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Datasheet(HTML) 30 Page - Cirrus Logic |
|
30 / 300 page ![]() 30 DS1085F3 CS47L35 4.2 Input Signal Path Figure 4-2. Input Signal Paths 4.2.1 Analog Microphone Input Up to six analog microphones can be connected to the CS47L35, either in single-ended or differential mode. The applicable mode, and input pin selection, is controlled using INnx_SRC, as described in Section 4.2.6. The CS47L35 includes external accessory-detection circuits that can report the presence of a microphone and the status of a hook switch or other push buttons. When using this function, it is recommended to use the IN1BLP or IN1BRP analog microphone input paths to ensure best immunity to electrical transients arising from the push buttons. IN1L_PGA _VOL [6:0] IN1L_SRC 00 = Differential IN1ALP – IN1ALN 01 = Single-ended IN1ALP (non-inverting) 10 = Differential IN1BLP – IN1BLN 11 = Single-ended IN1BLP (non-inverting) IN1L_ENA ADC IN1ALN/DMICCLK1 IN1ALP IN1L_DMIC_DLY IN1R_DMIC_DLY IN1 L_VOL IN1 L_MUTE IN1 R_VOL IN1 R_MUTE CLK DAT IN1L _HPF IN1R_HPF IN_HPF_CUT IN1_MODE IN1BLN IN1BLP IN1R_PGA_VOL ADC IN1R_ENA IN1_OSR IN1_DMIC_SUP IN2L_PGA _VOL IN2L_SRC 00 = Differential IN2LP – IN2LN 01 = Single-ended IN2LP ( non-inverting) 10 = Reserved 11 = Reserved IN2L_ENA ADC IN2LN/DMICCLK2 IN2LP IN2L_DMIC_DLY IN2R_DMIC_DLY IN2 L_VOL IN2 L_MUTE IN2 R_VOL IN2 R_MUTE CLK DAT IN2L _HPF IN2R_HPF IN2_MODE IN2R_PGA_VOL IN2R_SRC 00 = Differential IN2RP – IN2RN 01 = Single-ended IN2RP ( non-inverting) 10 = Reserved 11 = Reserved ADC IN2RN/DMICDAT2 IN2RP IN2R_ENA IN2_OSR IN2_DMIC_SUP IN_VD_RAMP IN_VI_RAMP IN1R_SRC 00 = Differential IN1ARP – IN1ARN 01 = Single-ended IN1ARP (non-inverting) 10 = Differential IN1BRP – IN1BRN 11 = Single-ended IN1BRP (non-inverting) IN1ARN/DMICDAT1 IN1ARP IN1BRN IN1BRP Digital Mic Interface Digital Mic Interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |