Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV16BX Datasheet(PDF) 73 Page - STMicroelectronics

Part # LSM6DSV16BX
Description  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX Datasheet(HTML) 73 Page - STMicroelectronics

Back Button LSM6DSV16BX Datasheet HTML 69Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 70Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 71Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 72Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 73Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 74Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 75Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 76Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 148 page
background image
9.35
UI_OUTZ_L_A_DualC (34h) and UI_OUTZ_H_A_DualC (35h)
Linear acceleration sensor Z-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the accelerometer full-scale and ODR settings of the accelerometer dual-channel mode
configuration.
Table 102. UI_OUTZ_L_A_DualC register
D7
D6
D5
D4
D3
D2
D1
D0
Table 103. UI_OUTZ_H_A_DualC register
D15
D14
D13
D12
D11
D10
D9
D8
Table 104. UI_OUTZ_A_DualC register description
D[15:0]
Accelerometer Z-axis DualC output expressed in two's complement
9.36
UI_OUTY_L_A_DualC (36h) and UI_OUTY_H_A_DualC (37h)
Linear acceleration sensor Y-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the accelerometer full-scale and ODR settings of the accelerometer dual-channel mode
configuration.
Table 105. UI_OUTY_L_A_DualC register
D7
D6
D5
D4
D3
D2
D1
D0
Table 106. UI_OUTY_H_A_DualC register
D15
D14
D13
D12
D11
D10
D9
D8
Table 107. UI_OUTY_A_DualC register description
D[15:0]
Accelerometer Y-axis DualC output expressed in two's complement
9.37
UI_OUTX_L_A_DualC (38h) and UI_OUTX_H_A_DualC (39h)
Linear acceleration sensor X-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the accelerometer full-scale and ODR settings of the accelerometer dual-channel mode
configuration.
Table 108. UI_OUTX_L_A_DualC register
D7
D6
D5
D4
D3
D2
D1
D0
Table 109. UI_OUTX_H_A_DualC register
D15
D14
D13
D12
D11
D10
D9
D8
Table 110. UI_OUTX_A_DualC register description
D[15:0]
Accelerometer X-axis DualC output expressed in two's complement
LSM6DSV16BX
UI_OUTZ_L_A_DualC (34h) and UI_OUTZ_H_A_DualC (35h)
DS13771 - Rev 2
page 73/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com