Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV16BX Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM6DSV16BX
Description  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM6DSV16BX Datasheet HTML 29Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 30Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 31Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 32Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 33Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 34Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 35Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 36Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
6
Functionality
6.1
Operating modes
In the LSM6DSV16BX, the accelerometer and the gyroscope can be turned on/off independently of each other
and are allowed to have different ODRs and power modes.
The LSM6DSV16BX has three operating modes available:
•
only accelerometer active and gyroscope in power-down
•
only gyroscope active and accelerometer in power-down
•
both accelerometer and gyroscope sensors active with independent ODR and power mode
The accelerometer is activated from power-down by writing ODR_XL_[3:0] in CTRL1 (10h) while the gyroscope
is activated from power-down by writing ODR_G_[3:0] in CTRL2 (11h). For combo mode the ODRs are totally
independent.
In addition to the accelerometer mode above, a dedicated TDM output can be used for the audio accelerometer
output.
6.2
Accelerometer power modes
In the LSM6DSV16BX, the accelerometer can be configured in three different operating modes: power-down
mode, low-power mode and high-performance mode.
The operating mode selected depends on the value of the OP_MODE_XL_[2:0] bits in CTRL1 (10h).
If the value of the OP_MODE_XL_[2:0] bits is 000 (default), high-performance mode is valid for all ODRs (from
7.5 Hz up to 7.68 kHz).
In high-performance mode the analog anti-aliasing filter is active.
Low-power mode is available for lower ODRs (1.875 Hz, 15 Hz, 30 Hz, 60 Hz, 120 Hz, 240 Hz). The three
low-power modes are enabled by setting OP_MODE_XL_[2:0] to 100 (LPM1), 101 (LPM2), 110 (LPM3).
The embedded functions based on accelerometer data (free-fall, 6D, tap/double-tap, wake-up, activity/inactivity,
stationary/motion, step counter, step detection, significant motion, tilt) and the FIFO batching functionality are
supported in all modes.
LSM6DSV16BX
Functionality
DS13771 - Rev 2
page 33/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com