Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV16BX Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSV16BX
Description  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSV16BX Datasheet HTML 1Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 2Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 3Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 4Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 5Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 6Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 7Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 8Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
1
Overview
The LSM6DSV16BX is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
The LSM6DSV16BX delivers best-in-class motion sensing that can detect orientation and gestures in order to
empower application developers and consumers with features and capabilities that are more sophisticated than
simply orienting their devices to portrait and landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual awareness,
implementing hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or
inactivity, stationary/motion detection and wakeup events. Machine Learning and Finite State Machine processing
allows moving some algorithms from the application processor to the LSM6DSV16BX sensor, enabling consistent
reduction of power consumption.
The LSM6DSV16BX supports main OS requirements, offering real, virtual and batch mode sensors. In
addition, the LSM6DSV16BX can efficiently run the sensor-related features specified in Android, saving
power and enabling faster reaction time. In particular, the LSM6DSV16BX has been designed to implement
hardware features such as significant motion detection, stationary/motion detection, tilt, pedometer functions and
timestamping.
Core 1 has been designed for user interface data processing for motion tracking. Data are available on the
primary output of I²C / SPI / MIPI I3C® for the accelerometer and gyroscope with independent ODR and FS.
Core 2 has been designed for audio acceleration data processing for bone conduction and speech-enhanced
applications. Data are available on the TDM interface at 8 kHz or 16 kHz.
The LSM6DSV16BX embeds a dedicated Core 3 for Qvar functionality which is an electrical potential sensor
able to measure the variation of the quasi electrostatic potential. The Qvar sensing channel can be used for
applications such as human motion detection.
Up to 4.5 KB of FIFO with compression and dynamic allocation of significant data (that is, Qvar, timestamp, and
so forth) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DSV16BX leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better
match the characteristics of the sensing element.
The LSM6DSV16BX embeds an analog hub which is able to connect an external analog input and convert it to a
digital signal for processing as well as advanced dedicated features like a finite state machine and data filtering
for motion processing.
The LSM6DSV16BX embeds Qvar functionality which is an electrostatic sensor able to measure the variation of
the quasi electrostatic potential. The Qvar sensing channel can be used for user interface applications like tap,
double-tap, triple-tap, long press, L/R – R/L swipe.
Human body motion is detected by the variation of the electric potential induced on electrodes by the continuous
redistribution of electrostatic charges during motion activities.
The LSM6DSV16BX is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.71 mm to
address ultra-compact solutions.
LSM6DSV16BX
Overview
DS13771 - Rev 2
page 3/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com