Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV16BX Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM6DSV16BX
Description  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM6DSV16BX Datasheet HTML 25Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 26Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 27Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 28Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 29Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 30Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 31Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 32Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
5.3
TDM interface
Time-division multiplexing (TDM) is a method of putting multiple data streams in one data signal by separating the
signal into many frames. There are many ways to accomplish this.
5.3.1
Frame synchronization (WCLK)
The function of the WCLK is simply to identify the beginning of a frame. In particular the frame starts at the rising
edge of WCLK and the WCLK widths supported are:
•
50% duty cycle
•
One slot width (16 BCLK)
•
One BCLK width
In TDM mode, LSM6DSV16BX shall output accelerometer data on the TDMout pin at the following sampling
rates:
•
WCLK = 8 kHz
•
WCLK = 16 kHz
5.3.2
Serial clock (BCLK)
The sole purpose of the serial clock BCLK is to shift the data out of the serial TDMout port. To this purpose, the
TDM interface uses an internal counter that is set to one when the rising edge of the WCLK is detected, and it is
reset to zero when the maximum number of BCLK in a WCLK period is reached.
The maximum number of BCLK contained in a WCLK period can be expressed as a function of both the BCLK
and WCLK frequencies and can be computed using the following equation:
(1)
cmax = BCLKWCLK−1
LSM6DSV16BX
TDM interface
DS13771 - Rev 2
page 29/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com