Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV16BX Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM6DSV16BX
Description  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM6DSV16BX Datasheet HTML 14Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 15Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 16Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 17Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 18Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 19Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 20Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 21Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 148 page
background image
4.4.3
TDM - time-division multiplexing interface
@ Vdd_IO = 1.8 V, T = 25 °C unless otherwise noted. Refer to Section 5.3 TDM interface for additional details.
Table 8. TDM timing values
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BCLKf
BCLK frequency (1/tp)
WCLK = 16 kHz
2.048
MHz
BWCLKA
BCLK/WCLK frequency accuracy
-0.1
+0.1
%
BCLKj
BCLK jitter
4
ns
(peak to peak)
WCLK8
8 kHz WCLK mode
8
kHz
WCLK16
16 kHz WCLK mode
16
PDC
All clock pin duty cycle - referred to BCLK (except WCLK)
45
55
%
WST
WCLK setup time before BCLK rising/falling edge (tss1)
20
ns
WHT
WCLK hold time after BCLK rising/falling edge (ths3)
20
ns
TDMST
TDMout setup time before BCLK rising/falling edge (tss2)
15
ns
TDMHTR
TDMout hold time after BCLK rising/falling edge (ths1)
15
ns
TDMHTZ
TDMout hold time of LSB after BCLK rising/falling edge (ths2)
15
65
ns
CBCLK
BCLK pin capacitance
10
pF
CTDMout
TDMout load capacitance
60
Note:
All setup times and hold times in Table 8 and in Figure 10 are valid for BCLK polarity set to “clock on rising”.
If BCLK polarity is set to “clock on falling”, then all setup and hold times will refer to the falling edge of BCLK
instead. Please refer to Section 5.3 TDM interface for additional details.
Figure 10. TDM timing diagram
BCLK
TDMout
MSB
LSB
WCLK
tss1
t p
tss2
ths1
ths2
ths3
LSM6DSV16BX
Communication interface characteristics
DS13771 - Rev 2
page 18/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com