Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 48Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 49Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 50Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 51Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 52Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 53Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 54Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 55Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
ISL68227
10. PMBus Command Detail
FN9333 Rev.1.00
Page 52 of 99
Oct.1.20
10.26 VOUT_OV_FAULT_RESPONSE (41h)
Definition: Configures the output overvoltage fault response. For a fault to be considered cleared, the output
must drop by 100mV.
Access: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 84h (latch off)
Command
VOUT_OV_FAULT_RESPONSE (41h)
Format
Bit Field
Bit Position
76
54
32
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
1
00
00
100
Bit
Field Name
Value
Description
7:6
Response Behavior
During a fault, the
device:
• Pulls PMALRT low
• Sets the related fault
bit in the status
registers.
00
Continue without interruption.
01
Not supported
10
Disable and retry according to the setting in Bits [5:3].
11
Not supported
5:3
Retry Setting
000
No retry. The output remains disabled until the rail is restarted.
001-110
Not supported
111
Attempts to restart continuously, without limitation, until it is
commanded OFF (by the CONTROL pin or OPERATION
command), bias power is removed, or another fault condition
causes the unit to shut down. The time between retries is set
by Bits [2:0].
2:0
Delay Time before
Retry
000
0ms delay (not recommended)
001-110
Delay 25ms per LSB
111
Delay 175ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com