Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 25Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
ISL68227
5. Temperature Sensing
FN9333 Rev.1.00
Page 24 of 99
Oct.1.20
5.
Temperature Sensing
The ISL68227 monitors internal die temperature and supports external per-rail SPS or NTC resistor temperature
sense using the TEMPn pins. The controller also offers per-phase temperature sense using the CS and CSRTN
pins when paired with select Renesas SPS devices.
5.1
SPS Temperature Sensing
The ISL68227 can be configured to sense SPS temperature on a per-rail or per-phase basis. To configure for
per-rail temperature sense, connect the TOUT/FLT pin of each SPS in the rail together and tie the net to the
ISL68227 TEMPn pin. Select SPS devices also have current sense reference voltage outputs (TREF) that are
proportional to temperature. The ISL68227 can be configured to accept this signal and report individual phase
temperature. When configured for per-phase temperature sense, the SPS TOUT/FLT pins should remain
connected to the ISL68227 TEMPn pin, because the SPS devices report internal fault conditions through the
TOUT/FLT pin. See the typical application diagram (Figure 1 on page 6) for a detailed connection overview of
per-rail temperature sense.
5.2
NTC Temperature Sensing
NTC temperature sensing is used in conjunction with inductor DCR output current sensing to sense the inductor
temperature. In this configuration, the specified NTC is connected to the IC as shown in Figure 16. To avoid noise
problems, the PCB traces leading to the NTC should be routed differentially and kept away from noise sources.
Note: Use the component values shown.
When automatic phase dropping is used in a multiphase design, position the NTC close to the phase that runs in
single-phase operation. For Rail 0, the correct phase is the lowest phase number assigned to the rail as shown in
Figure 17.
Figure 16. NTC Temperature Sense Connection
Figure 17. NTC Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com