Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
ISL68227
1. Overview
FN9333 Rev.1.00
Page 9 of 99
Oct.1.20
1.3
Ordering Information
Part Number
(Notes 2, 3)Part Marking
Junction
Temperature (°C)
Tape and Reel
(Units) (Note 1)
Package
(RoHS Compliant)
Pkg.
Dwg. #
ISL68227IRAZ
ISL68227 IRZ
-40 to +125
-
60 Ld 7x7 QFN
L60.7x7
ISL68227IRAZ-T
ISL68227 IRZ
-40 to +125
6k
60 Ld 7x7 QFN
L60.7x7
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL68227 device page. For more information about MSL, see TB363.
Table 1.
Key Differences Between Family of Parts
Part
Number
Phase Configuration
Output X/Output Y/Output Z
High Speed Bus Specification
Supported
Package
ISL68227
X ≤ 12
PMBus
QFN 60 Ld, 7x7mm
ISL68239
X+Y+Z ≤ 12
AVSBus/PMBus
QFN 68 Ld, 8x8mm
ISL68236
X+Y ≤ 9
AVSBus/PMBus
QFN 52 Ld, 6x6mm
ISL68229
X+Y+Z ≤ 12
PMBus
QFN 68 Ld, 8x8mm
ISL68226
X+Y+Z ≤ 8
PMBus
QFN 60 Ld, 7x7mm
ISL68225
X+Y ≤ 9
PMBus
QFN 52 Ld, 6x6mm
ISL68224
X+Y+Z ≤ 6
PMBus
QFN 52 Ld, 6x6mm
ISL68233
X+Y ≤ 5
AVSBus/PMBus
QFN 40 Ld, 5x5mm
ISL68223
X+Y ≤ 4
PMBus
QFN 40 Ld, 5x5mm
ISL68222
X+Y ≤ 5
PMBus
QFN 40 Ld, 5x5mm
ISL68221
X+Y+Z ≤ 3
PMBus
QFN 40 Ld, 5x5mm
ISL68220
X+Y ≤ 2
PMBus
QFN 32 Ld, 4x4mm
Table 2.
Power Stage Recommendations
Part
Number
Rating (A)
Type
TOUT TREF REFIN FAULT#
Package
Dwg. #
Pin-to-Pin
Compatible
Typically Used With
5.0V PWM Power Stage Family
ISL99227B
60
SPS
Yes
No
Yes
Yes
L32.5x5V
N/A
Phase Doublers: ISL6617A
ISL99360B
60
SPS
Yes
No
Yes
Yes
L32.5x5W
N/A
3.3V PWM Power Stage Family
ISL99227
60
SPS
Yes
No
Yes
Yes
L32.5x5V
N/A
Full Digital Controllers: ISL68/69xxx
ISL99360
60
SPS
Yes
No
Yes
Yes
L32.5x5W
N/A
ISL99380
80
SPS
Yes
No
Yes
No
L39.5x6A
ISL99390
ISL99390
90
SPS
Yes
No
Yes
No
L39.5x6A
ISL99380
ISL99392
90
SPS
Yes
Yes
No
Yes
L39.5X6A
N/A
ISL682xx/692xx controllers that support
low power state PWM protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com