Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
ISL68227
1. Overview
FN9333 Rev.1.00
Page 11 of 99
Oct.1.20
1.5
Functional Pin Descriptions
See Table 5 on page 30 for design layout considerations.
Pin
Number
Pin Name
Description
1, 2, 3, 4, 5,
6, 55, 56, 57,
58, 59, 60
PWM [11:0]
Pulse-Width Modulation (PWM) outputs. Connect these pins to the PWM input pins of 3.3V
logic-compatible, smart power stages, driver ICs, or DrMOS.
7
CFP
Thermal warning indicator. This open-drain output is pulled low if a sensed over-temperature occurs at the
TEMP pins.
8
nVRHOT
Indicator of high VR temperature. This open-drain output is pulled low in the event of a sensed
over-temperature.
9, 11, 14, 16,
46, 47
DNC
Do not connect to these pins.
10, 12
GND
Connect to ground.
13
EN
Input pin used for enable control of the output. Connect to ground if not used.
15
PG
Open-drain, power-good indicator for the output.
17
VINSEN
Input voltage sense pin for the VIN supply voltage.
18
VMON
Input voltage sense pin for the driver supply voltage.
19, 21, 23,
25, 27, 29,
31, 33, 35,
37, 39, 41
CSRTN [11:0]
The CS and CSRTN pins are current-sense inputs to individual phase differential amplifiers. Unused
phases should have their respective current-sense inputs grounded. The CS and CSRTN pins support
smart power stage, DCR, and resistor sensing. Connection details depend on the current-sense method
chosen.
20, 22, 24,
26, 28, 30,
32, 34, 36,
38, 40, 42
CS [11:0]
43
RGND
Negative differential voltage sense input for the output. Connect to the negative remote sensing point.
Place a 3300pF capacitor across the pair at the pins.
44
VSEN
Positive differential voltage sense input for the outputs. Connect to the positive remote sensing point.
Place a 3300pF capacitor across the pair at the pins.
45
TEMP
Input pin for sensing external temperature measurement at the outputs. Supports NTC-based temperature
sensing and smart power stage sensing. Connect to ground if not used.
48
CONFIG
Configuration ID selection pin. Attach a resistor from this pin to GND.
49
ADDRESS
SMBus/PMBus address selection pin. Attach a resistor from this pin to GND.
50
VCC
Chip primary bias input. Connect this pin directly to a +3.3V supply with a 1µF or greater MLCC bypass
capacitor.
51
VCCS
Internally generated 1.2V LDO logic supply from VCC. Decouple with a 4.7µF or greater MLCC (X5R or
better).
52
nPMALERT
Open-drain output pin for alerting the SMBus host.
53
PMSCL
Serial clock signal pin for the SMBus interface.
54
PMSDA
Serial data signal pin for the SMBus interface.
EPAD
GND
The package pad serves as the GND return for all IC functions. Connect directly to the system GND plane
with multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com