Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 69Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 70Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 71Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 72Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 73Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 74Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 75Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 76Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
ISL68227
10. PMBus Command Detail
FN9333 Rev.1.00
Page 73 of 99
Oct.1.20
10.51 STATUS_VOUT (7Ah)
Definition: Returns a summary of output voltage status.
Access: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: Read Only
Command
STATUS_VOUT (7Ah)
Format
Bit Field
Bit Position
76
54
32
1
0
Access
R
R
R
RRR
RR
Function
See Following Table
Bit Number
Status Bit Name
Meaning
7
VOUT_OV_FAULT
Indicates an output overvoltage fault occurred.
6:5
Not Supported
Not supported
4
VOUT_UV_FAULT
Indicates an output undervoltage fault occurred.
3
VOUT_MAX Warning
Indicates an output voltage maximum warning occurred.
2:0
Not Supported
Not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com