Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
ISL68227
2. Specifications
FN9333 Rev.1.00
Page 12 of 99
Oct.1.20
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operating Conditions
Parameter
Pins
Minimum
Maximum
Unit
Input Voltage Range
VCC
+4.3
V
VCCS
+1.6
V
VINSEN
GND - 0.3
18
V
All Other Pins
GND - 0.3
VCC + 0.3
V
ESD Rating
Pins
Value
Unit
Human Body Model (Tested per JS-001-2017)
All Pins
2
kV
Charged Device Model (Tested per JS-002-2014)
All Pins
750
V
Latch-Up (Tested per JESD-78E; Class 2, Level A)
All Pins
100
mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
60 Ld 7x7 QFN Package (Notes 4, 5)26
2.5
Notes:
4. θJA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features.
See TB379.
5. For θJC, the case temperature location is the center of the exposed metal pad on the package underside.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
see TB493
Parameter
Minimum
Maximum
Unit
Supply Voltage, VCC
3.135
3.465
V
Junction Temperature
-40
+125
°C
Output Voltage
0
3.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com