Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
ISL68227
4. Operating the Device
FN9333 Rev.1.00
Page 20 of 99
Oct.1.20
Any command to change the output voltage set point uses all phases, including VOUT transition events. After the
output voltage change is complete, phases begin dropping as configured.
To ensure dropped phases have sufficient bootstrap capacitor charge to turn on the high-side MOSFET after a
long period of inactivity, a bootstrap refresh function periodically turns on the low-side MOSFET of each dropped
phase to refresh the bootstrap capacitor.
To produce the most optimal efficiency across a wide range of output loading, the modulator supports automatic
dropping or adding of phases and diode emulation (in a single-phase state). Use of APD and diode emulation are
optional. If automatic phase dropping is enabled, the number of active phases at anytime is determined only by
load current.
4.7
Diode Emulation and PFM Operation
As described in Phase Configuration and Automatic Phase Dropping, the ISL68227 supports APD to optimize
phase usage as load demand decreases. When the regulator drops to 1-phase operation, it supports diode
emulation and Pulse Frequency Modulation (PFM) operation to further maximize efficiency performance.
Traditionally, use of such efficiency boosting techniques has come at the expense of transient response, but the
ISL68227 is able to meet all transient demands directly from diode emulation/PFM operation.
Diode emulation and PFM operation are supported when a single phase is active. If constant frequency operation
is needed at light loads, the feature can be disabled. If enabled, the low-side MOSFET conducts when the current
is flowing from source-to-drain and does not allow a reverse current, emulating an ideal diode. As Figure 8 shows,
when the inductor current is positive, the LGATE is held on and allows current to flow in the low resistance
channel of the LFET. When current reaches zero, the LFET is turned off to prevent a reverse current in the
inductor. The controller modulates the LFET state through the PWM pin of the respective regulator channel by
tri-stating the PWM when the load current reaches zero, which commands the MOSFET driver to turn off both the
HFET and LFET.
In single-phase diode emulation operation, the IC delivers inductor current pulses with a user programmed pulse
width. By programming the pulse width, the output voltage ripple can be tuned to meet expectations for any
system type. Pulse frequency is then modulated to maintain output voltage regulation, which is shown in Figure 9.
The transition from single phase PFM to multiphase constant frequency operation is managed seamlessly by the
IC.
4.8
Diode Braking
Applications that support loads with large transient current demands often have significant output voltage
overshoot when the load current demand drops suddenly. In some cases, diode braking may allow overshoot
reduction at the expense of thermal dissipation in the low-side MOSFET.
4.9
Switching Frequency
Switching frequency is independently programmable on each rail from 200kHz to 2MHz.
Figure 8. Diode Emulation PWM Signaling
Figure 9. Single Phase Light Load PFM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com