Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
ISL68227
4. Operating the Device
FN9333 Rev.1.00
Page 19 of 99
Oct.1.20
4.4
Enabling and Soft-Starting the Device
The ISL68227 outputs can be enabled using the enable pin or PMBus. Enable method selection is configured in
PowerNavigator on a per rail basis. The ISL68227 begins its soft-start sequence when it is commanded to
regulate an output. Soft-start moves VOUT smoothly to the programmed VOUT_COMMAND. Soft-start timing is
programmed using the TON_DELAY (60h) and TON_RISE (61h) PMBus commands.
If a pre-existing voltage bias exists on the output, the PWM signals are held in tri-state until the soft-start ramp
reaches the prebias level. The tri-state prevents the converter from sinking current and pulling the prebias down.
No special configuration is required to enable this operation.
4.5
Disabling the Device
Similar to the enabling process, outputs can be disabled using the enable pin or PMBus on a per rail basis. The
ISL68227 can be configured to disable in two ways:
• Immediate OFF: Immediately ceases regulation and tri-state the PWM pins
• Soft OFF: Actively ramps the output voltage down to 0V before ceasing activity as programmed in the
TOFF_DELAY (64h) and TOFF_FALL (65h) PMBus commands.
4.6
Phase Configuration and Automatic Phase Dropping
The ISL68227 supports three regulated outputs that control its twelve phases. Each rail is capable of controlling
up to twelve phases, but the rails can be configured for fewer phases. Unused phases should have their CS and
CSRTN pins grounded.
The ISL68227 supports Automatic Phase Dropping (APD) to optimize efficiency across the load range. Figure 7
shows the typical characteristics of efficiency vs load current as the phase count is varied. The diagram shows
that optimal efficiency is achieved by using fewer phases as the load current decreases.
The ISL68227 continuously monitors output current, and if APD is enabled, the device drops or adds phases from
use as the load current varies.
Phases are dropped one at a time with a user-programmed delay between drop events. For example, if the delay
is set to 1ms, six phases are active, and the load suddenly drops to a level needing only one phase; the ISL68227
begins by dropping a single phase after 1ms. An additional phase is dropped each millisecond until only one
phase remains active. On Rail 0, phases are dropped beginning with the highest assigned phase.
Phases are automatically returned to service when load conditions require more phases. The phases are returned
to service in the opposite order they were dropped. Conditions that result in phase adding include increased load
current, rapid change sensed on the output voltage, and VOUT transition events. When rapid change is sensed on
the output voltage, the Fast Phase Add function prepares all dropped phases for activation so there is no delay if
all phases are needed to support a load transient.
Figure 7. Efficiency vs Phase Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com