Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 92Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 93Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 94Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 95Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 96Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 97Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 98Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 99Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 100Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
ISL68227
12. Package Outline Drawing
FN9333 Rev.1.00
Page 99 of 99
Oct.1.20
12. Package Outline Drawing
L60.7x7
60 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 2/10
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
0.2818
0.1672
0.1672
0.4818
6
(4X)
0.15
PIN 1
INDEX AREA
7.00
A
B
5.6
56X
4X
0.40
46
45
31
60
1
15
16
30
PIN #1 INDEX AREA
6
5. 60
B
A
C
0.10 M
0.20
4
60X 0 . 40
1.00 MAX
SEE DETAIL "X"
C
SEATING PLANE
0.08
C
C
0.10
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
C
5
(
5 . 60 )
( 6 . 8 TYP )
( 60X 0 . 20 )
( 60X 0 . 60)
( 56X 0 . 4 )
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.10
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.015mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
Angular ±2.50°
For the most recent package outline drawing, see L60.7x7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com